Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5321
Description  Dual, High Performance 150mA UCap ULDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5321 Datasheet HTML 1Page - Micrel Semiconductor MIC5321 Datasheet HTML 2Page - Micrel Semiconductor MIC5321 Datasheet HTML 3Page - Micrel Semiconductor MIC5321 Datasheet HTML 4Page - Micrel Semiconductor MIC5321 Datasheet HTML 5Page - Micrel Semiconductor MIC5321 Datasheet HTML 6Page - Micrel Semiconductor MIC5321 Datasheet HTML 7Page - Micrel Semiconductor MIC5321 Datasheet HTML 8Page - Micrel Semiconductor MIC5321 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5321
January 2007
2
M9999-012407-C
Ordering Information
Part number
Manufacturing
Part Number
Marking*
Voltage
Junction
Temp. Range
Package
MIC5321-1.8/1.5YMT
MIC5321-GFYMT
BGF
1.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-1.8/1.6YMT
MIC5321-GWYMT
BGW
1.8V/1.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.5/1.8YMT
MIC5321-JGYMT
BJG
2.5V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.5/2.5YMT
MIC5321-JJYMT
BJJ
2.5V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.6/1.85YMT
MIC5321-KDYMT
BKD
2.6V/1.85
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.6/1.8YMT
MIC5321-KGYMT
BKG
2.6V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.7/2.7YMT
MIC5321-LLYMT
BLL
2.7V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.8/1.5YMT
MIC5321-MFYMT
BMF
2.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.8/1.8YMT
MIC5321-MGYMT
BMG
2.8V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.8/2.6YMT
MIC5321-MKYMT
BMK
2.8V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.8/2.8YMT
MIC5321-MMYMT
BMM
2.8V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.8/2.85YMT
MIC5321-MNYMT
BMN
2.8V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.85/1.85YMT
MIC5321-NDYMT
BND
2.85V/1.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.85/2.6YMT
MIC5321-NKYMT
BNK
2.85V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.85/2.85YMT
MIC5321-NNYMT
BNN
2.85V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.9/1.5YMT
MIC5321-OFYMT
BOF
2.9V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.9/1.8YMT
MIC5321-OGYMT
BOG
2.9V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-2.9/2.9YMT
MIC5321-OOYMT
BOO
2.9V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/1.8YMT
MIC5321-PGYMT
BPG
3.0V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/2.5YMT
MIC5321-PJYMT
BPJ
3.0V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/2.6YMT
MIC5321-PKYMT
BPK
3.0V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/2.8YMT
MIC5321-PMYMT
BPM
3.0V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/2.85YMT
MIC5321-PNYMT
BPN
3.0V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.0/3.0YMT
MIC5321-PPYMT
BPP
3.0V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/1.5YMT
MIC5321-SFYMT
BSF
3.3V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/1.8YMT
MIC5321-SGYMT
BSG
3.3V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.5YMT
MIC5321-SJYMT
BSJ
3.3V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.6YMT
MIC5321-SKYMT
BSK
3.3V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.7YMT
MIC5321-SLYMT
BSL
3.3V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.8YMT
MIC5321-SMYMT
BSM
3.3V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.85YMT
MIC5321-SNYMT
BSN
3.3V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/2.9YMT
MIC5321-SOYMT
BSO
3.3V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/3.0YMT
MIC5321-SPYMT
BSP
3.3V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/3.2YMT
MIC5321-SRYMT
BSR
3.3V/3.2V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5321-3.3/3.3YMT
MIC5321-SSYMT
BSS
3.3V/3.3V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com