Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5321
Description  Dual, High Performance 150mA UCap ULDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5321 Datasheet HTML 1Page - Micrel Semiconductor MIC5321 Datasheet HTML 2Page - Micrel Semiconductor MIC5321 Datasheet HTML 3Page - Micrel Semiconductor MIC5321 Datasheet HTML 4Page - Micrel Semiconductor MIC5321 Datasheet HTML 5Page - Micrel Semiconductor MIC5321 Datasheet HTML 6Page - Micrel Semiconductor MIC5321 Datasheet HTML 7Page - Micrel Semiconductor MIC5321 Datasheet HTML 8Page - Micrel Semiconductor MIC5321 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5321
Dual, High Performance 150mA µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2007
M9999-012407-C
General Description
The MIC5321 is a tiny Dual Ultra Low-Dropout
(ULDO™) linear regulator ideally suited for those
applications that require high PSRR because it
provides a bypass pin for those noise sensitive
portable electronics. The MIC5321 integrates two
high-performance; 150mA ULDOs into a very compact
1.6mm x 1.6mm leadless Thin MLF
® package that
provides exceptional thermal package characteristics.
The MIC5321 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low-drop-out
voltage,
very
high
power
supply
rejection, very low output noise and exceptional
thermal package characteristics makes it ideal for
powering RF application, cellular phone camera
modules, imaging sensors for digital still cameras,
PDAs, MP3 players and WebCam applications.
The MIC5321 ULDO™ is available in fixed-output
voltages in the tiny 6-pin 1.6mm x 1.6mm leadless
Thin MLF
® package which is only 2.56mm2 in area,
less than 30% the area of the SOT-23, TSOP and
MLF
® 3x3 packages. It’s also available in the thin
SOT-23-6 lead package. Additional voltage options
are available. For more information, contact Micrel
marketing department.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Features
•
2.3V to 5.5V input voltage range
•
Ultra-low dropout voltage ULDO™ 35mV @
150mA
•
Tiny 6-pin 1.6mm x 1.6mm Thin MLF
® leadless
package
•
Low cost TSOT-23-6 package
•
Bypass pin for improved noise performance
High PSRR – >75dB on each LDO
•
Ultra low noise output - > 30µVrms
•
Dual 150mA outputs
•
µCap stable with 1µF ceramic capacitor
•
Low quiescent current – 150µA
•
Fast turn-on time – 45µs
•
Thermal shutdown protection
•
Current Limit protection
Applications
•
Mobile phones
•
PDAs
•
GPS receivers
•
Portable electronics
•
Portable media players
•
Digital still and video cameras
Typical Application
VIN
EN
VOUT 1
VOUT 2
GND
MIC5321-x.xYML
1µF
0.01µF
BYP
1µF
Rx/Synth
Tx
RF
Transceiver
1µF
RF Power Supply Circuit


Similar Part No. - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
logo
Microchip Technology
MIC5321 MICROCHIP-MIC5321 Datasheet
2Mb / 26P
High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
Revision A (May 2022)
logo
Micrel Semiconductor
MIC5321-1.8/1.5YD6 MICREL-MIC5321-1.8/1.5YD6 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321-1.8/1.5YMT MICREL-MIC5321-1.8/1.5YMT Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321-1.8/1.6YD6 MICREL-MIC5321-1.8/1.6YD6 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
More results

Similar Description - MIC5321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
High Performance 300mA uCap ULDO TM
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
Micro-Power High Performance Dual 300mA ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com