Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH245 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74VCXH245
Description  Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH245 Datasheet(HTML) 4 Page - ON Semiconductor

  74VCXH245 Datasheet HTML 1Page - ON Semiconductor 74VCXH245 Datasheet HTML 2Page - ON Semiconductor 74VCXH245 Datasheet HTML 3Page - ON Semiconductor 74VCXH245 Datasheet HTML 4Page - ON Semiconductor 74VCXH245 Datasheet HTML 5Page - ON Semiconductor 74VCXH245 Datasheet HTML 6Page - ON Semiconductor 74VCXH245 Datasheet HTML 7Page - ON Semiconductor 74VCXH245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74VCXH245
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 3)
1.65 V
≤ VCC < 1.95 V
0.65 x VCC
V
2.3 V
≤ VCC ≤ 2.7 V
1.6
2.7 V < VCC ≤ 3.6 V
2.0
VIL
LOW Level Input Voltage (Note 3)
1.65 V
≤ VCC < 1.95 V
0.35 x VCC
V
2.3 V
≤ VCC ≤ 2.7 V
0.7
2.7 V < VCC ≤ 3.6 V
0.8
VOH
HIGH Level Output Voltage
1.65 V
≤ VCC ≤ 3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 1.65 V; IOH = −6 mA
1.25
VCC = 2.3 V; IOH = −6 mA
2.0
VCC = 2.3 V; IOH = −12 mA
1.8
VCC = 2.3 V; IOH = −18 mA
1.7
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
1.65 V
≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
V
VCC = 1.65 V; IOL = 6 mA
0.3
VCC = 2.3 V; IOL = 12 mA
0.4
VCC = 2.3 V; IOL = 18 mA
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
VCC = 3.0 V; IOL = 18 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
II
Input Leakage Current
VIN = VCC or GND; VCC = 3.6 V
±5.0
mA
II(HOLD)
Minimum Bushold Input Current
VCC = 3.0 V, VIN = 0.8 V
75
mA
()
VCC = 3.0 V, VIN = 2.0 V
−75
VCC = 2.3 V, VIN = 0.7 V
45
VCC = 2.3 V, VIN = 1.6 V
−45
VCC = 1.65 V, VIN = 0.57 V
25
VCC = 1.65 V, VIN = 1.07 V
−25
II(OD)
Minimum Bushold Over−Drive
Current Needed to Change State
VCC = 3.6 V, (Note 4)
450
mA
()
Current Needed to Change State
VCC = 3.6 V, (Note 5)
−450
VCC = 2.7 V, (Note 4)
300
VCC = 2.7 V, (Note 5)
−300
VCC = 1.95 V, (Note 4)
200
VCC = 1.95 V, (Note 5)
−200
IOZ
3−State Output Current
VO = VCC or GND; VCC = 3.6 V;
VI = VIH or VIL
±10
mA
ICC
Quiescent Supply Current (Note 6)
1.65 V
≤ VCC ≤ 3.6 V; VI = GND or VCC
20
mA
DICC
Increase in ICC per Input
2.7 V < VCC ≤ 3.6 V; VIH = VCC − 0.6 V
750
mA
3. These values of VI are used to test DC electrical characteristics only.
4. An external driver must source at least the specified current to switch from LOW−to−HIGH.
5. An external driver must sink at least the specified current to switch from HIGH−to−LOW.
6. Outputs disabled or 3−state only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com