Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH245 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74VCXH245
Description  Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH245 Datasheet(HTML) 1 Page - ON Semiconductor

  74VCXH245 Datasheet HTML 1Page - ON Semiconductor 74VCXH245 Datasheet HTML 2Page - ON Semiconductor 74VCXH245 Datasheet HTML 3Page - ON Semiconductor 74VCXH245 Datasheet HTML 4Page - ON Semiconductor 74VCXH245 Datasheet HTML 5Page - ON Semiconductor 74VCXH245 Datasheet HTML 6Page - ON Semiconductor 74VCXH245 Datasheet HTML 7Page - ON Semiconductor 74VCXH245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 10
1
Publication Order Number:
74VCXH245/D
74VCXH245
Low−Voltage 1.8/2.5/3.3 V
8−Bit Transceiver
(3−State, Non−Inverting with Bushold)
The 74VCXH245 is an advanced performance, non−inverting 8−bit
transceiver. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
The 74VCXH245 is designed as a byte control. The
Transmit/Receive (T/Rn) inputs determine the direction of data flow
through the bidirectional transceiver. Transmit (active−HIGH) enables
data from A ports to B ports; Receive (active−LOW) enables data from
B to A ports. The Output Enable input (OE), when HIGH, disables
both A and B ports by placing them in a HIGH Z condition. The data
inputs include active bushold circuitry, eliminating the need for
external pullup resistors to hold unused or floating inputs at a valid
logic state.
Features
• Designed for Low Voltage Operation: V
CC = 1.65−3.6 V
• High Speed Operation:
3.5 ns max for 3.0 to 3.6 V
4.2 ns max for 2.3 to 2.7 V
8.4 ns max for 1.65 to 1.95 V
• Static Drive: ±24 mA Drive at 3.0 V
±18 mA Drive at 2.3 V
±6 mA Drive at 1.65 V
• Includes Active Bushold to Hold Unused or Floating Data Inputs at a
Valid Logic State
• Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±200 mA @ 85°C
• ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
• Pb−Free Package is Available
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAM
QFN
MNR2 SUFFIX
CASE 485AA
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping†
ORDERING INFORMATION
74VCXH245MNR2
QFN
3000/Tape&Reel
74VCXH245MNR2G
QFN
(Pb−Free)
3000/Tape&Reel
1
VCX
H245
ALYW
G
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Pinout (Top View)
PIN #1
29
19
12
20
10
11
QFN


Similar Part No. - 74VCXH245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
211Kb / 9P
Low Voltage Bidirectional Transceiver with Bushold
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
81Kb / 8P
Low Voltage Bidirectional Transceiver with Bushold
74VCXH245MTC FAIRCHILD-74VCXH245MTC Datasheet
211Kb / 9P
Low Voltage Bidirectional Transceiver with Bushold
74VCXH245WM FAIRCHILD-74VCXH245WM Datasheet
81Kb / 8P
Low Voltage Bidirectional Transceiver with Bushold
More results

Similar Description - 74VCXH245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Texas Instruments
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74ALVCH16245 ONSEMI-74ALVCH16245 Datasheet
139Kb / 12P
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
September, 2002 ??Rev. 1
logo
Texas Instruments
SN74AUP1T04 TI-SN74AUP1T04 Datasheet
164Kb / 11P
LOW POWER,1.8/2.5/3.3-V INPUT,3.3-V COMS OUTPUT, SINGLE INVERTER GATE
logo
Analog Devices
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com