Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16HT1G
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16HT1G Datasheet HTML 1Page - ON Semiconductor BAS16HT1G Datasheet HTML 2Page - ON Semiconductor BAS16HT1G Datasheet HTML 3Page - ON Semiconductor BAS16HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 4
1
Publication Order Number:
BAS16HT1/D
BAS16HT1
Preferred Device
Switching Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
75
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
150
°C
1. FR-4 Minimum Pad.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 75 Vdc)
(VR = 75 Vdc, TJ = 150°C)
(VR = 25 Vdc, TJ = 150°C)
IR
−
−
−
1.0
50
30
µAdc
Reverse Breakdown Voltage
(IBR = 100 µAdc)
V(BR)
75
−
Vdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
−
−
−
−
715
855
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
−
2.0
pF
Forward Recovery Voltage
(IF = 10 mAdc, tr = 20 ns)
VFR
−
1.75
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, RL = 50 Ω)
trr
−
6.0
ns
Stored Charge
(IF = 10 mAdc to VR = 5.0 Vdc,
RL = 500 Ω)
QS
−
45
pC
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
1
CATHODE
2
ANODE
A6
= Specific Device Code
M
= Date Code
Device
Package
Shipping†
ORDERING INFORMATION
BAS16HT1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
A6 M
BAS16HT1G
SOD−323
(Pb−Free)
3000/Tape & Reel


Similar Part No. - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
122Kb / 5P
Small Signal Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
Switching Diode
June, 2013 ??Rev. 10
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
60Kb / 4P
Switching Diode
April, 2016 ??Rev. 12
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
217Kb / 5P
Small Signal Diode
More results

Similar Description - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
AUK corp
ND181 AUK-ND181 Datasheet
326Kb / 4P
Switching Diode
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com