Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8120 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS8120
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS8120 Datasheet HTML 6Page - ON Semiconductor CS8120 Datasheet HTML 7Page - ON Semiconductor CS8120 Datasheet HTML 8Page - ON Semiconductor CS8120 Datasheet HTML 9Page - ON Semiconductor CS8120 Datasheet HTML 10Page - ON Semiconductor CS8120 Datasheet HTML 11Page - ON Semiconductor CS8120 Datasheet HTML 12Page - ON Semiconductor CS8120 Datasheet HTML 13Page - ON Semiconductor CS8120 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CS8120
http://onsemi.com
11
PACKAGE DIMENSIONS
TO−220−5
T SUFFIX
CASE 314D−04
ISSUE E
−Q−
1234 5
U
K
D
G
A
B
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
−T−
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613 14.529 15.570
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
0.990
1.045 25.146 26.543
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
TO−220−5
TVA SUFFIX
CASE 314K−01
ISSUE O
K
F
U
A
B
G
M
0.356 (0.014)
Q M
T
J
L
E
C
R
SEATING
PLANE
5 PL
D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D, INCLUDING PROTRUSION, SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
1 2345
−T−
M
W
S
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.560
0.590
14.22
14.99
B
0.385
0.415
9.78
10.54
C
0.160
0.190
4.06
4.83
D
0.027
0.037
0.69
0.94
E
0.045
0.055
1.14
1.40
F
0.530
0.545
13.46
13.84
G
0.067 BSC
1.70 BSC
J
0.014
0.022
0.36
0.56
K
0.785
0.800
19.94
20.32
L
0.321
0.337
8.15
8.56
M
0.063
0.078
1.60
1.98
Q
0.146
0.156
3.71
3.96
R
0.271
0.321
6.88
8.15
S
0.146
0.196
3.71
4.98
U
0.460
0.475
11.68
12.07
W
5
5
__
−Q−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com