Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8120 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8120
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8120 Datasheet HTML 1Page - ON Semiconductor CS8120 Datasheet HTML 2Page - ON Semiconductor CS8120 Datasheet HTML 3Page - ON Semiconductor CS8120 Datasheet HTML 4Page - ON Semiconductor CS8120 Datasheet HTML 5Page - ON Semiconductor CS8120 Datasheet HTML 6Page - ON Semiconductor CS8120 Datasheet HTML 7Page - ON Semiconductor CS8120 Datasheet HTML 8Page - ON Semiconductor CS8120 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CS8120
http://onsemi.com
2
PIN CONNECTIONS
SO−14
Tab = GND
Pin 1. VIN
2. ENABLE
3. GND
4. RESET
5. VOUT
1
TO−220−5
NC
NC
NC
NC
RESET
ENABLE
NC
NC
114
SENSE
NC
GND
NC
VOUT
VIN
1
8
GND
SENSE
RESET
NC
VOUT
VIN
NC
ENABLE
1
Pin 1. VIN
2. ENABLE
3. GND
4. RESET
5. VOUT
DIP−8
D2PAK−5
ENABLE
+
−
Bandgap
Supply
−
+
GND
RESET
VOUT
Error
Amplifier
Figure 1. Block Diagram − TO−220−5
VIN
Over Voltage
Shutdown
Thermal
Protection
Reset
Comparator
−
+
Bandgap
Reference
Output
Current
Limit
ENABLE
Comparator
To VOUT
VREF
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
DC Input Voltage
−0.7 to 26
V
Load Dump
60
V
Output Current
Internally Limited
−
Electrostatic Discharge (Human Body Model)
2.0
kV
Operating Temperature
−40 to +125
°C
Junction Temperature
−40 to +150
°C
Storage Temperature Range
−55 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 peak
230 peak
°C
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com