Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8371 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8371
Description  8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8371 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8371 Datasheet HTML 1Page - ON Semiconductor CS8371 Datasheet HTML 2Page - ON Semiconductor CS8371 Datasheet HTML 3Page - ON Semiconductor CS8371 Datasheet HTML 4Page - ON Semiconductor CS8371 Datasheet HTML 5Page - ON Semiconductor CS8371 Datasheet HTML 6Page - ON Semiconductor CS8371 Datasheet HTML 7Page - ON Semiconductor CS8371 Datasheet HTML 8Page - ON Semiconductor CS8371 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CS8371
http://onsemi.com
2
Figure 1. Block Diagram
−
+
ENABLE1
Trimmed Bandgap
Voltage Reference
1.2 V
Pre−Regulator
Bias Generator
Thermal
Shutdown
−
+
ENABLE2
1.2 V
+
−
Overvoltage
Shutdown
−
+
VCC
Current Limit
VOUT2
GND
NOCAP
Current Limit
Sense
VOUT1
MAXIMUM RATINGS
Rating
Value
Unit
Power Dissipation
Internally Limited
−
ENABLE Input Voltage Range
−0.6 to +10
V
Load Current (8.0 V Regulator)
Internally Limited
−
Load Current (5.0 V Regulator)
Internally Limited
−
Transient Peak Voltage (31 V Load Dump @ 14 V VCC)
45
V
Storage Temperature Range
−65 to +150
°C
Junction Temperature Range
−40 to +150
°C
Lead Temperature Soldering: Wave Solder (through hole styles only) (Note 1)
260 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com