Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8371 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8371
Description  8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8371 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8371 Datasheet HTML 1Page - ON Semiconductor CS8371 Datasheet HTML 2Page - ON Semiconductor CS8371 Datasheet HTML 3Page - ON Semiconductor CS8371 Datasheet HTML 4Page - ON Semiconductor CS8371 Datasheet HTML 5Page - ON Semiconductor CS8371 Datasheet HTML 6Page - ON Semiconductor CS8371 Datasheet HTML 7Page - ON Semiconductor CS8371 Datasheet HTML 8Page - ON Semiconductor CS8371 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS8371
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS: (−40
°C ≤ TA ≤ +85°C, 10.5 V ≤ VCC ≤ 16 V, ENABLE1 = ENABLE2 = 5.0 V,
IOUT1 = IOUT2 = 5.0 mA, unless otherwise stated.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
PRIMARY OUTPUT (VOUT1)
Output Voltage
IOUT1 = 1.0 A
7.60
8.00
8.40
V
Line Regulation
10.5 V
≤ VCC ≤ 26 V
−
−
50
mV
Load Regulation
5.0 mA
≤ IOUT1 ≤ 1.0 A
−
−
150
mV
Sleep Mode Quiescent Current
VCC = 14 V, ENABLE1 = ENABLE2 = 0 V
0
0.2
10.0
mA
Quiescent Current
VCC = 14 V, IOUT1 = 1.0 A, IOUT2 = 250 mA
−
−
30
mA
Dropout Voltage
IOUT1 = 250 mA
IOUT1 = 1.0 A
−
−
−
1.2
1.5
V
V
Quiescent Bias Current
IOUT1 = 5.0 mA, ENABLE2 = 0 V, VCC = 14 V,
IQ = ICC − IOUT1
IOUT1 = 1.0 A, ENABLE2 = 0 V, VCC = 14 V,
IQ = ICC − IOUT1
−
−
−
−
10
22
mA
mA
Ripple Rejection
f = 120 Hz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
f = 10 kHz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
f = 20 kHz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
−
−
−
90
74
68
−
−
−
dB
dB
dB
Current Limit
VCC = 16 V
1.1
−
2.5
A
Overshoot Voltage
5.0 mA
≤ IREG1 ≤ 1.0 A
−
−
6.0
V
Output Noise
10 Hz − 100 kHz
−
300
−
mVrms
SECONDARY OUTPUT (VOUT2)
Output Voltage
IOUT2 = 250 mA
4.75
5.00
5.25
V
Line Regulation
7.0 V
≤ VCC ≤ 26 V
−
−
40
mV
Load Regulation
5.0 mA
≤ IOUT2 ≤ 250 mA
−
−
100
mV
Dropout Voltage
IOUT2 = 5.0 mA
IOUT2 = 250 mA
−
−
−
2.2
2.5
V
V
Quiescent Bias Current
IOUT2 = 5.0 mA, ENABLE1 = 0 V, VCC = 14 V,
IQ = ICC − IOUT2
IOUT2 = 250 mA, ENABLE1 = 0 V, VCC = 14 V,
IQ = ICC − IOUT2
−
−
−
−
7.0
8.0
mA
mA
Ripple Rejection
f = 120 Hz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
f = 10 kHz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
f = 20 kHz, VCC = 14 V with 1.0 VPP AC, COUT = 0 mF
−
−
−
90
75
67
−
−
−
dB
dB
dB
Current Limit
VCC = 16 V
270
−
600
mA
Overshoot Voltage
5.0 mA
≤ IREG2 ≤ 250 mA
−
−
4.3
V
Output Noise
10 Hz − 100 kHz
−
170
−
mVrms
ENABLE FUNCTION (ENABLE)
Input Current
VCC = 14 V, 0 V ≤ ENABLE ≤ 5.5 V
−150
−
150
mA
Input Voltage
Low
High
0
2.0
−
−
0.8
5.0
V
V
PROTECTION CIRCUITRY
ESD Threshold
Human Body Model
±2.0
±4.0
−
kV
Overvoltage Shutdown
−
24
−
30
V
Thermal Shutdown
Guaranteed by Design
150
180
−
°C
Thermal Hysteresis
−
−
30
−
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com