Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9202 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 2 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CS9202
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Value
Unit
Power Dissipation
Internally Limited
−
Input Voltage (VIN):
DC
Peak Transient Voltage (60 V Load Dump @ VIN = 14 V)
−15 to 36
74
V
V
Output Current
Internally Limited
−
ESD Susceptibility (Human Body Model)
4.0
kV
Package Thermal Resistance:
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
25
110
°C/W
°C/W
Junction Temperature
−40 to +150
°C
Storage Temperature
−55 to +150
°C
Lead Temperature Soldering: Reflow (SMD styles only) (Note 1)
230 Peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183
°C.
ELECTRICAL CHARACTERISTICS (4.5 V
≤ VIN ≤ 26 V, IOUT = 1.0 mA, −40°C ≤ TJ ≤ 125°C; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT STAGE
Output Voltage, VOUT
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 100 mA
4.5 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 100 mA
3.234
3.201
3.300
3.300
3.366
3.399
V
V
Load Regulation
VIN = 14 V, 100 mA ≤ IOUT ≤ 100 mA
−
5
50
mV
Line Regulation
4.5 V < V < 26 V, IOUT = 1.0 mA
−
5
50
mV
Quiescent Current, (IQ)
IOUT = 100 mA, VIN = 12 V
IOUT ≤ 50 mA
IOUT ≤ 100 mA
−
450
4
12
750
6
20
mA
mA
mA
Ripple Rejection
7.0 V
≤ VIN ≤ 17 V, IOUT = 100 mA, f = 120 Hz
60
75
−
dB
Current Limit
−
105
200
−
mA
Short Circuit Output Current
VOUT = 0 V
25
125
−
mA
Thermal Shutdown (Note 2)
−
150
180
−
°C
Overvoltage Shutdown
VOUT ≤ 1.0 V
28
32
36
V
2. This parameter is guaranteed by design, but not parametrically tested in production.
PACKAGE LEAD DESCRIPTION
Package Lead Number
SOIC−8
Lead Symbol
Function
1
VOUT
3.3 V,
± 2%, 100 mA output.
2, 3, 6, 7
GND
Ground.
4, 5
NC
No connection.
8
VIN
Input voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com