Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9202 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS9202
Description  Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS9202 Datasheet(HTML) 3 Page - ON Semiconductor

  CS9202 Datasheet HTML 1Page - ON Semiconductor CS9202 Datasheet HTML 2Page - ON Semiconductor CS9202 Datasheet HTML 3Page - ON Semiconductor CS9202 Datasheet HTML 4Page - ON Semiconductor CS9202 Datasheet HTML 5Page - ON Semiconductor CS9202 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CS9202
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Load Regulation vs. Output
Current VIN = 14 V
Output Current (mA)
14
100
Figure 3. Output Voltage vs. Temperature
VIN = 14 V
Temperature (
°C)
3.320
140
12
10
8
6
4
2
0
−2
90
80
70
60
50
40
30
20
10
0
−40
°C
125
°C
25
°C
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
120
100
80
60
40
20
0
−20
−40
20 mA
100 mA
100
mA
Figure 4. Line Regulation vs. Input
Voltage IOUT = 100 mA
Input Voltage (V)
8
26
Figure 5. Quiescent Current vs. Output
Current (Lightly Loaded) VIN = 14 V
Output Current (mA)
1
10
6
4
2
0
−2
−4
−6
−8
24
22
20
18
16
14
12
10
8
6
0.9
0.8
0.7
0.6
0.5
0.4
0.3
9
8
7
6
5
4
3
2
1
0
125
°C
25
°C
−40
°C
−40
°C
25
°C
125
°C
Figure 6. Quiescent Current vs. Output
Current VIN = 14 V
Output Current (mA)
12
100
Figure 7. Quiescent Current vs. Input
Voltage IOUT = 100 mA
Input Voltage (V)
0.70
26
90
80
70
60
50
40
30
20
10
0
10
8
6
4
2
0
−40
°C
25
°C
125
°C
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
24
22
20
18
16
14
12
10
8
6
4
125
°C
25
°C
−40
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com