Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015-3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS52015-3
Description  1.5 A, 3.3 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS52015-3 Datasheet HTML 1Page - ON Semiconductor CS52015-3 Datasheet HTML 2Page - ON Semiconductor CS52015-3 Datasheet HTML 3Page - ON Semiconductor CS52015-3 Datasheet HTML 4Page - ON Semiconductor CS52015-3 Datasheet HTML 5Page - ON Semiconductor CS52015-3 Datasheet HTML 6Page - ON Semiconductor CS52015-3 Datasheet HTML 7Page - ON Semiconductor CS52015-3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS52015−3
http://onsemi.com
3
Figure 2. Block Diagram
+
−
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VIN
VOUT
GND
TYPICAL PERFORMANCE CHARACTERISTICS
TJ (°C)
Figure 3. Dropout Voltage vs. Output
Current
Figure 4. Output Voltage vs. Temperature
Figure 5. Ripple Rejection vs. Frequency
0.10
10
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30 40 50 60 70 80 90 100 110 120 130
Frequency (Hz)
Figure 6. Short Circuit Current vs.
VIN − VOUT
85
101
75
65
55
45
35
25
15
102
103
104
105
106
TCASE = 25°C
IOUT = 1.5 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.0 VPP
VIN − VOUT (V)
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
0
IOUT (mA)
1.05
1.00
0.95
0.90
0.85
0.80
0.75
300
600
900
1200
1500
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com