Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52015-3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS52015-3
Description  1.5 A, 3.3 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS52015-3 Datasheet HTML 1Page - ON Semiconductor CS52015-3 Datasheet HTML 2Page - ON Semiconductor CS52015-3 Datasheet HTML 3Page - ON Semiconductor CS52015-3 Datasheet HTML 4Page - ON Semiconductor CS52015-3 Datasheet HTML 5Page - ON Semiconductor CS52015-3 Datasheet HTML 6Page - ON Semiconductor CS52015-3 Datasheet HTML 7Page - ON Semiconductor CS52015-3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 8
1
Publication Order Number:
CS52015−3/D
CS52015−3
1.5 A, 3.3 V Fixed Linear
Regulator
The CS52015−3 linear regulator provides 1.5 A @ 3.3 V reference
at 1.0 A with an output voltage accuracy of ±1.5%.
The regulator is intended for use as a post regulator and
microprocessor supply. The fast loop response and low dropout
voltage make this regulator ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages less than 1.4 V
at 1.5 A output current. The maximum quiescent current is only 10 mA
at full load. Device protection includes over−current and thermal
shutdown.
The CS52015−3 is pin compatible with the LT1086 family of linear
regulators but has lower dropout voltage.
The regulator is available in TO−220−3, surface mount D2PAK−3,
and SOT−223 packages.
Features
• Output Current to 1.5 A
• Output Accuracy to ±1.5% Over Temperature
• Dropout Voltage (typical) 1.05 V @ 1.5 A
• Fast Transient Response
• Fault Protection
− Current Limit
− Thermal Shutdown
Figure 1. Applications Diagram
CS52015−3
VIN
VOUT
GND
10 mF
5.0 V
22 mF
5.0 V
3.3 V @ 1.5 A
D2PAK−3
DP SUFFIX
CASE 418AB
SOT−223
ST SUFFIX
CASE 318E
TO−220−3
T SUFFIX
CASE 221A
1 2
3
1 2
3
Tab = VOUT
Pin 1. GND
2. VOUT
3. VIN
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
12
3
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS52015-3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS52015-3GDP3 CHERRY-CS52015-3GDP3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS52015-3GDPR3 CHERRY-CS52015-3GDPR3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS52015-3GST3 CHERRY-CS52015-3GST3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
CS52015-3GSTR3 CHERRY-CS52015-3GSTR3 Datasheet
159Kb / 6P
1.5A, 3.3V Fixed Linear Regulator
Rev. 2/17/98
More results

Similar Description - CS52015-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com