Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS59201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS59201
Description  Winchester Servo Preamplifier with Low Current Drain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS59201 Datasheet(HTML) 2 Page - ON Semiconductor

  CS59201 Datasheet HTML 1Page - ON Semiconductor CS59201 Datasheet HTML 2Page - ON Semiconductor CS59201 Datasheet HTML 3Page - ON Semiconductor CS59201 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS59201
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
Power Supply Voltage (VCC − VEE)
14
V
Differential Input Voltage
5.0
V
Storage Temperature Range
−65 to +150
°C
Operating Temperature Range
0 to 70
°C
Thermal Resistance, Junction−to−Case, RΘJC
45
°C/W
Thermal Resistance, Junction−to−Ambient, RΘJA
165
°C/W
ESD Susceptibility (Human Body Model)
1.4
kV
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (TA = 25°C, (VCC − VEE) = 7.0 V to 13.2 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
Gain (Differential)
−
80
100
120
V/V
Bandwidth (3.0 dB)
VIN = 2.0 mV
30
50
−
MHz
Input Resistance
−
1040
1300
1560
Ω
Input Capacitance
−
−
20
30
pF
Input Dynamic Range
−
3.0
−
−
mV
Power Supply Current
(VCC − VEE) = 12 V
−
20
25
mA
Output Offset (Differential)
RS = 0, RL = 130 Ω
−
−
200
mV
Equivalent Input Noise
BW = 4.0 MHz, Note 1
−
0.7
1.0
nV/Hz
PSRR, Input Referred
RS = 0, f ≤ 5.0 MHz, Note 1
55
60
−
dB
Gain Sensitivity (Supply)
(VCC − VEE) = ±10%
−
−
±0.5
%/V
Gain Sensitivity (Temp.)
TA = 25°C to 70°C, RL = 130 Ω
−
−0.1
−
%/°C
CMRR, Input Referred
f ≤ 5.0 MHz
60
70
−
dB
Recommended
Supply Voltage (VCC − VEE)
−
7.45
9.0
10.8
8.3
10
12
9.15
11
13.2
V
V
V
Input Signal, VIN
−
−
2.0
−
mVPP
Ambient Temperature, TA
−
0
−
70
°C
1. 1.0 nV/root Hz and a bandwidth of 4.0 MHz equals 2.0 μVRMS.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com