Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS59201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS59201
Description  Winchester Servo Preamplifier with Low Current Drain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS59201 Datasheet(HTML) 3 Page - ON Semiconductor

  CS59201 Datasheet HTML 1Page - ON Semiconductor CS59201 Datasheet HTML 2Page - ON Semiconductor CS59201 Datasheet HTML 3Page - ON Semiconductor CS59201 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CS59201
http://onsemi.com
3
PACKAGE PIN DESCRIPTION
Pin Number
Pin Symbol
Function
SO−8
1
IN+
Positive input to preamplifier.
2
IN−
Negative input to preamplifier.
3, 8
NC
No connection.
4
VEE
Negative supply voltage.
5
OUT+
One of the amplifier outputs.
6
OUT−
One of the amplifier outputs.
7
VCC
Positive supply voltage.
Figure 2. Applications Diagram
HEAD
RL
RL
CC
CC
REQ
REQ
VEE
VCC
Recommended Load Conditions
1. Input must be AC coupled.
2. CC’s are AC coupling capacitors.
3. RL’s are DC bias and termination resistors,
(recommended 130 Ω).
4. REQ represents equivalent load resistance.
5. For gain calculations RP = (RL × REQ)/(RL + REQ).
6. Differential gain = 0.72 RP (±18%)(RP in Ω).
7. Ceramic capacitors (0.1 μF) are recommended for
good power supply noise filtering.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com