Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3244 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74FST3244
Description  8?묪it Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3244 Datasheet(HTML) 7 Page - ON Semiconductor

  74FST3244 Datasheet HTML 1Page - ON Semiconductor 74FST3244 Datasheet HTML 2Page - ON Semiconductor 74FST3244 Datasheet HTML 3Page - ON Semiconductor 74FST3244 Datasheet HTML 4Page - ON Semiconductor 74FST3244 Datasheet HTML 5Page - ON Semiconductor 74FST3244 Datasheet HTML 6Page - ON Semiconductor 74FST3244 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
74FST3244
http://onsemi.com
7
PACKAGE DIMENSIONS
QSOP−20
QS SUFFIX
CASE 492A−01
ISSUE O
MIN
MILLIMETERS
G
R
−B−
−A−
L
M
0.25 (0.010)
T
U
−T−
SEATING
PLANE
K
D
20 PL
C
M
0.25 (0.010)
T BA
S
S
V
N
M
F
8 PL
DETAIL E
DETAIL E
H x 45_
RAD.
MOLD PIN
DIM
MAX
MIN
MAX
INCHES
A
8.56
8.74
0.337
0.344
B
3.81
3.99
0.150
0.157
C
1.55
1.73
0.061
0.068
D
0.20
0.31
0.008
0.012
F
0.41
0.89
0.016
0.035
G
0.64 BSC
0.025 BSC
H
0.20
0.46
0.008
0.018
J
0.249
0.191
0.0098 0.0075
K
0.10
0.25
0.004
0.010
L
5.84
6.20
0.230
0.244
M
0
8
0
8
N
0
7
0
7
P
1.32
1.58
0.052
0.062
Q
0.89 DIA
0.035 DIA
R
0.89
1.14
0.035
0.045
U
0.89
1.14
0.035
0.045
V
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. THE BOTTOM PACKAGE SHALL BE BIGGER THAN
THE TOP PACKAGE BY 4 MILS (NOTE: LEAD SIDE
ONLY). BOTTOM PACKAGE DIMENSION SHALL
FOLLOW THE DIMENSION STATED IN THIS
DRAWING.
4. PLASTIC DIMENSIONS DOES NOT INCLUDE MOLD
FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 6 MILS PER
SIDE.
5. BOTTOM EJECTOR PIN WILL INCLUDE THE
COUNTRY OF ORIGIN (COO) AND MOLD CAVITY I.D.
__
_
_
0
8
0
__
_
8
_
__
__
MARK
Q
P
0.013 X 0.005
DP. MAX
RAD.
0.005−0.010
TYP
J
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
74FST3244/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com