Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3244 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3244
Description  8?묪it Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3244 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3244 Datasheet HTML 1Page - ON Semiconductor 74FST3244 Datasheet HTML 2Page - ON Semiconductor 74FST3244 Datasheet HTML 3Page - ON Semiconductor 74FST3244 Datasheet HTML 4Page - ON Semiconductor 74FST3244 Datasheet HTML 5Page - ON Semiconductor 74FST3244 Datasheet HTML 6Page - ON Semiconductor 74FST3244 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 2
1
Publication Order Number:
74FST3244/D
74FST3244
8−Bit Bus Switch
The ON Semiconductor 74FST3244 is an 8−bit, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of two 4−bit switches with separate
Output/Enable (OE) pins. Port A is connected to Port B when OE is
low. If OE is high, the switch is high Z.
Features
• RON t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible with QS3244, FST3244, CBT3244
• All Popular Packages: QSOP−20, TSSOP−20, SOIC−20
• All Devices in Package TSSOP are Inherently Pb−Free*
OE1
1A1
2B1
1A2
2B2
2B3
1A0
VCC
2A3
1B2
2A2
1B1
1B0
OE2
1
2
3
4
5
6
7
20
19
18
17
16
15
14
Figure 1. 20−Lead Pinout
1A3
8
2B0
9
GND
10
2A1
13
1B3
12
2A0
11
OE1
L
Inputs
L
H
OE2
L
H
L
HH
1A, 1B
1A = 1B
1A = 1B
Inputs/Outputs
Z
Z
2A, 2B
2A = 2B
Z
2A = 2B
Z
TRUTH TABLE
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Description
PIN NAMES
OE1, OE2
1A, 2A
TSSOP−20
DT SUFFIX
CASE 948E
QSOP−20
QS SUFFIX
CASE 492A
SOIC−20
DW SUFFIX
CASE 751D
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B
Bus B
20
1
FST3244
AWLYYWW
1
20
20
1
FST
3244
ALYW
A
=
Assembly Location
L, WL
=
Wafer Lot
Y
=
Year
W, WW =
Work Week
1
20
FST3244
AWLYWW
20
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
20
1
http://onsemi.com


Similar Part No. - 74FST3244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244DT ONSEMI-74FST3244DT Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244DTR2 ONSEMI-74FST3244DTR2 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244DW ONSEMI-74FST3244DW Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
74FST3244DWR2 ONSEMI-74FST3244DWR2 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
More results

Similar Description - 74FST3244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
4?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
8?묪it Shift Register
June, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com