Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX8211 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 12Page - Texas Instruments TMUX8211 Datasheet HTML 13Page - Texas Instruments TMUX8211 Datasheet HTML 14Page - Texas Instruments TMUX8211 Datasheet HTML 15Page - Texas Instruments TMUX8211 Datasheet HTML 16Page - Texas Instruments TMUX8211 Datasheet HTML 17Page - Texas Instruments TMUX8211 Datasheet HTML 18Page - Texas Instruments TMUX8211 Datasheet HTML 19Page - Texas Instruments TMUX8211 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
7.14 Typical Characteristics (continued)
at TA = 25°C, VDD = +36 V, and VSS = –36 V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
-5
0
5
10
15
20
25
30
TA = 125C
TA = 85C
TA = 25C
VDD = 100 V, VSS = 0 V
IS(OFF) and ID(OFF)
Figure 7-19. Off-Leakage Current vs Source or Drain Voltage
VDD = 100 V, VSS = 0 V
ION
Figure 7-20. On-Leakage Current vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-36
-28
-20
-12
-4
4
12
20
28
36
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
TA = 125C
TA = 85C
TA = 25C
TA = −40C
VDD = 36 V, VSS = –36 V
Figure 7-21. Charge Injection vs Source Voltage
Temperature (
C)
20
30
40
50
60
70
80
90
100 110 120 130
125
150
175
200
225
250
275
300
325
350
375
400
VDD/VSS: 72V/0V - All Channels Enabled
VDD/VSS: ±36V
- All Channels Enabled
VDD/VSS: 72V/0V - All Channels Disabled
VDD/VSS: ±36V
- All Channels Disabled
.
Figure 7-22. Supply Current vs Temperature
VS or VD - Source or Drain Voltage (V)
-36
-28
-20
-12
-4
4
12
20
28
36
0
1
2
3
4
5
0
T(ON)
T(OFF)
VDD = 36 V, VSS = –36 V
Figure 7-23. Turn-On and Turn-Off Times vs Source Voltage
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
100M
1G
VDD/VSS: ±36V
VDD/VSS: 72V/0V
TA = 25°C
Figure 7-24. Off Isolation vs Frequency
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com