Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX8211 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8211 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 22Page - Texas Instruments TMUX8211 Datasheet HTML 23Page - Texas Instruments TMUX8211 Datasheet HTML 24Page - Texas Instruments TMUX8211 Datasheet HTML 25Page - Texas Instruments TMUX8211 Datasheet HTML 26Page - Texas Instruments TMUX8211 Datasheet HTML 27Page - Texas Instruments TMUX8211 Datasheet HTML 28Page - Texas Instruments TMUX8211 Datasheet HTML 29Page - Texas Instruments TMUX8211 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TMUX821x are high voltage switches capable of supporting analog and digital signals. The high voltage
capability of these multiplexers allow them to be used in systems with high voltage signal swings, or in systems
with high common mode voltages.
Additionally, the TMUX821x devices provide consistent analog parametric performance across the entire supply
voltage range allowing the devices to be powered by the most convenient supply rails in the system while still
providing excellent performance.
10.2 Typical Application
A common feature of many PMUs (precision measurement units) is the ability to change current ranges. This
allows for a system defined current clamp when testing devices and reduces possible damage to the PMU and
DUT (device under test). In high voltage PMUs, large relays are often used to enable this switching, but this
comes with the trade-off of size. To reduce system size, a multi-channel high voltage switch can be added to
facilitate this switching with minimal impact to system size and performance. The TMUX821x allows for switching
between multiple current ranges, and has the added flexibility to use multiple channels in parallel for high current
applications.
+
–
VDD VSS
DAC
+
-
VDD
VSS
Gain / Filter
Network
10k
DUT
High Voltage
Offset
TMUX8212
+
–
VDD VSS
DAC
+
-
VDD
VSS
Gain / Filter
Network
10k
DUT
High Voltage
Offset
TMUX8212
Figure 10-1. TMUX8212 Application Schematic
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com