Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1107 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1107 Datasheet(HTML) 1 Page - ON Semiconductor

  CS1107 Datasheet HTML 1Page - ON Semiconductor CS1107 Datasheet HTML 2Page - ON Semiconductor CS1107 Datasheet HTML 3Page - ON Semiconductor CS1107 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 5
1
Publication Order Number:
CS1107/D
CS1107
Single Relay Driver IC
This ASIC provides up to 350 mA of drive current for driving a
relay. On–chip diagnostic features include open and short circuit
detection in the on state, duty cycle current limit control, and thermal
shutdown. Faults are reported on the Fault lead. Fault is an active–low
output. An on–chip zener provides protection from flyback pulses
from the relay. Internal pull–down circuitry is provided to ensure the
output pin turns off when the Control pin is floating.
Features
• Fault Detection
– Open Circuit
– Short Circuit
– Overtemperature
• On–Chip Flyback Protection
• Low Standby Current
• Internally Fused Leads in SO–8 Package
GND
VCC
33 V
Control
Output
Short Circuit
Detect
Figure 1. Block Diagram
Drive &
Bias
Open Circuit
Detect
Duty cycle
during short
circuit
Overtemp
Shutdown
ISOURCE
GND
GND
GND
Fault
+
+
–
–
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS1107EDF8
SO–8
95 Units/Rail
CS1107EDFR8
SO–8
2500 Tape & Reel
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SO–8
DF SUFFIX
CASE 751
1
8
GND
Control
1
8
GND
Fault
GND
VCC
GND
Output
PIN CONNECTIONS AND
MARKING DIAGRAM


Similar Part No. - CS1107

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS1107 CHERRY-CS1107 Datasheet
131Kb / 4P
Single Relay Driver IC
Rev. 1/29/99
CS1107EDF8 CHERRY-CS1107EDF8 Datasheet
131Kb / 4P
Single Relay Driver IC
Rev. 1/29/99
CS1107EDFR8 CHERRY-CS1107EDFR8 Datasheet
131Kb / 4P
Single Relay Driver IC
Rev. 1/29/99
More results

Similar Description - CS1107

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
RELAY DRIVER IC
Jun-2001
logo
Cherry Semiconductor Co...
CS1107 CHERRY-CS1107 Datasheet
131Kb / 4P
Single Relay Driver IC
Rev. 1/29/99
CS1108 CHERRY-CS1108 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
logo
Infineon Technologies A...
1ED020I12-F INFINEON-1ED020I12-F Datasheet
1Mb / 22P
Single IGBT Driver IC
2.2, December 2009
logo
KEC(Korea Electronics)
KIA6905F KEC-KIA6905F Datasheet
718Kb / 6P
Bidirectional Relay Driver IC
logo
Infineon Technologies A...
1ED020I12FTA INFINEON-1ED020I12FTA_16 Datasheet
857Kb / 31P
Single IGBT Driver IC
Rev. 3.0 2016-04-05
1ED020I12-F2 INFINEON-1ED020I12-F2 Datasheet
1Mb / 28P
Single IGBT Driver IC
Rev. 2.0, 2011-08-01
1ED020I12-BT INFINEON-1ED020I12-BT Datasheet
1Mb / 34P
Single IGBT Driver IC
Rev 2.0, 2012-07-31
1ED020I12-B2 INFINEON-1ED020I12-B2 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.0, 2012-07-31
1ED020I12-B2 INFINEON-1ED020I12-B2_17 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.1, 2017-09-28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com