Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1107 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1107 Datasheet(HTML) 2 Page - ON Semiconductor

  CS1107 Datasheet HTML 1Page - ON Semiconductor CS1107 Datasheet HTML 2Page - ON Semiconductor CS1107 Datasheet HTML 3Page - ON Semiconductor CS1107 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS1107
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
Storage Temperature
–65 to +150
°C
VCC, Fault, Control
–0.5 to 6.0
V
ESD Capability (Human Body Model)
2.0
kV
Peak Transient Voltage (output off mode, output pin only)
(26 V Load Dump @ 14 V VBAT)
40
V
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (4.75
≤ VCC ≤ 5.25 V, –40°C ≤ TA ≤ 85°C, –40°C ≤ TJ ≤ 150°C; unless other-
wise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Supply Requirements
VCC Quiescent Current
Output ON
–
3.0
6.0
mA
VCC Quiescent Current
Output OFF
–
70
250
µA
Output
Leakage Current
VBAT = 14 V
–
0
100
µA
Saturation Voltage
IOUTPUT = 350 mA
IOUTPUT = 180 mA
–
–
1.1
0.9
1.5
1.3
V
V
VCLAMP
VCC < 4.5 V, IOUTPUT = 180 mA
29
33
36
V
Current Sense
Short Circuit Current
–
350
500
650
mA
Open Circuit Current
Output in the ON state
20
40
60
mA
Control–Input
Input Voltage
Logic = High
Logic = Low
2.0
–
–
–
–
0.8
V
V
Input Current
Control = VCC
–
40
80
µA
Fault Output – (Open Collector)
Output Low Voltage
IFAULT = 250 µA (sink)
–
0.24
0.40
V
Overtemperature Shutdown
TJ Output Disable Threshold
(Guaranteed by Design)
150
180
–
°C
TJ Hysteresis
(Guaranteed by Design)
5.0
–
–
°C
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
8 Lead SO Narrow
PIN SYMBOL
FUNCTION
1
Output
Open collector output.
2
VCC
5.0 V regulated supply input.
3
Fault
Open collector diagnostic output low during open load, short
circuit and overtemperature conditions.
4
Control
TTL compatible input. A high on this pin turns the output on.
5, 6, 7, 8
Ground
Signal ground.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com