Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1108 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS1108
Description  Single Lamp Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1108 Datasheet(HTML) 1 Page - ON Semiconductor

  CS1108 Datasheet HTML 1Page - ON Semiconductor CS1108 Datasheet HTML 2Page - ON Semiconductor CS1108 Datasheet HTML 3Page - ON Semiconductor CS1108 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
April, 2001 – Rev. 6
1
Publication Order Number:
CS1108/D
CS1108
Single Lamp Driver IC
This ASIC provides up to 350 mA of drive current for powering
bulbs. The typical application for this part is for use in airbag systems
using a type 194 bulb. On–chip diagnostics provide open circuit and
short circuit detection in the output on mode. In addition, the output
driver will turn on (sink current) when VCC is low. Fault is an
active–low output which reports in the output–on mode. Internal
pull–up circuitry is provided to ensure the output pin turns on when the
Control pin is floating.
Features
• Fault Detection
– Open Circuit
– Short Circuit
– Overtemperature
• V
CC Sense: Output Turns On with Loss of VCC
• Low Standby Current
• Internally Fused Leads in SO–8 Package
GND
VCC
Control
Output
Short Circuit
Detect
Figure 1. Block Diagram
Drive &
Bias
Open Circuit
Detect
Duty cycle
during short
circuit
Overtemp
Shutdown
ISOURCE
GND
GND
GND
Fault
VCC(SENSE)
+
+
–
–
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS1108EDF8
SO–8
95 Units/Rail
CS1108EDFR8
SO–8
2500 Tape & Reel
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SO–8
DF SUFFIX
CASE 751
1
8
GND
Control
1
8
GND
Fault
GND
VCC
GND
Output
PIN CONNECTIONS AND
MARKING DIAGRAM


Similar Part No. - CS1108

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS1108 CHERRY-CS1108 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
CS1108EDF8 CHERRY-CS1108EDF8 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
CS1108EDFR8 CHERRY-CS1108EDFR8 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
More results

Similar Description - CS1108

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS1108 CHERRY-CS1108 Datasheet
132Kb / 4P
Single Lamp Driver IC
Rev. 12/28/98
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
D305A ETC1-D305A Datasheet
398Kb / 12P
Electroluminescent Lamp Driver IC
D306A ETC1-D306A Datasheet
407Kb / 13P
Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com