Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1108 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS1108
Description  Single Lamp Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1108 Datasheet(HTML) 3 Page - ON Semiconductor

  CS1108 Datasheet HTML 1Page - ON Semiconductor CS1108 Datasheet HTML 2Page - ON Semiconductor CS1108 Datasheet HTML 3Page - ON Semiconductor CS1108 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CS1108
http://onsemi.com
3
CIRCUIT DESCRIPTION
The CS1108 lamp driver IC provides up to 350 mA of
drive current in a low–side configuration. The Output driver
pin is controlled through the TTL compatible Control input
pin. A high condition on the Control pin turns the output pin
on.
The Fault pin reports short circuit, open circuit, and
overtemperature conditions on the IC. If a fault is present,
the open collector output Fault pin will be low. Typical
numbers for faults are: exceeding 500 mA of drive current
will report a short circuit. Less than 40 mA (typical) will
report an open circuit. A temperature fault will be reported
when the die temperature exceeds 180
°C (typical). Faults
are only reported when the Control pin is high, due to the low
quiescent current when the Control pin is low and the output
device is turned off.
The CS1108 is designed to provide overcurrent protection
by duty cycle control. When the lamp current exceeds the
internally programmed current limit threshold (typically
500 mA), the output enters duty cycle mode to reduce power
dissipation of the IC to a safe level.
Typical lamps have a low resistance when off and the
current will exceed the current limit threshold during the
initial inrush period. During this inrush time, the IC will be
operating in the duty cycle mode. Due to characteristics of
lamps in this mode, they may appear dimly lit. This
condition will persist for a breif time until the lamp
resistance has increased enough to reduce it’s current below
the threshold. Once this occurs the lamp will appear at full
brightness. During the inrush period the Fault pin will be
forced low indicating that duty cycle mode is in operation.
Thermal protection has been designed into this IC. Should
duty cycle mode operate for an extended amount of time and
the power limitations of the IC are exceeded the IC die
temperature will rise. Once the die temperature reaches the
thermal temperature limit, the internal cicuitry will shutoff
the output and the lamp will turn off. Once the die temperature
lowers below the thermal threshold, the output will be
allowed to turn back on.
Figure 2. Applications Diagram
10 nF
20 k
VCC
VBAT
VCC
Output
Fault
Control
GND
GND
GND
GND
CS1108
microprocessor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com