Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4062 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X4062
Description  64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4062 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X4062 Datasheet HTML 14Page - Renesas Technology Corp X4062 Datasheet HTML 15Page - Renesas Technology Corp X4062 Datasheet HTML 16Page - Renesas Technology Corp X4062 Datasheet HTML 17Page - Renesas Technology Corp X4062 Datasheet HTML 18Page - Renesas Technology Corp X4062 Datasheet HTML 19Page - Renesas Technology Corp X4062 Datasheet HTML 20Page - Renesas Technology Corp X4062 Datasheet HTML 21Page - Renesas Technology Corp X4062 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
X40626
FN8119 Rev 0.00
Page 21 of 22
March 28, 2005
PACKAGING INFORMATION
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
14-Lead Plastic, TSSOP, Package Code V14
See Detail “A”
.031 (.80)
.041 (1.05)
.169 (4.3)
.177 (4.5) .252 (6.4) BSC
.025 (.65) BSC
.193 (4.9)
.200 (5.1)
.002 (.05)
.006 (.15)
.041 (1.05)
.0075 (.19)
.0118 (.30)
0° - 8°
.010 (.25)
.019 (.50)
.029 (.75)
Gage Plane
Seating Plane
Detail A (20X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com