Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4643 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp X4643 Datasheet HTML 11Page - Renesas Technology Corp X4643 Datasheet HTML 12Page - Renesas Technology Corp X4643 Datasheet HTML 13Page - Renesas Technology Corp X4643 Datasheet HTML 14Page - Renesas Technology Corp X4643 Datasheet HTML 15Page - Renesas Technology Corp X4643 Datasheet HTML 16Page - Renesas Technology Corp X4643 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 13 of 21
March 29, 2005
Figure 15. X4643/5 Addressing
Operational Notes
The device powers-up in the following state:
– The device is in the low power standby state.
– The WEL bit is set to ‘0’. In this state it is not possible
to write to the device.
– SDA pin is the input mode.
– RESET/RESET Signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– The WEL bit must be set to allow write operations.
–The proper clock count and bit sequence is required
prior to the stop bit in order to start a nonvolatile write
cycle.
– A three step sequence is required before writing into
the Control Register to change Watchdog Timer or
block lock settings.
– The WP pin, when held HIGH, and WPEN bit at logic
HIGH will prevent all writes to the Control Register.
– Communication to the device is inhibited while
RESET/RESET is active and any in-progress commu-
nication is terminated.
– Block Lock bits can protect sections of the memory
array from write operations.
SYMBOL TABLE
R/W
S0
S1
0
0
1
0
1
Slave Address Byte
Device Identifier
Device Select
A8
A9
A10
A11
A12
0
0
0
Word Address Byte 0–64K
High Order Word Address
(X6)
(X5)
(X4)
(X3)
(X2)
A0
A1
A2
Word Address Byte 0 for all options
Low Order Word Address
(Y2)
(Y1)
(Y0)
A3
(Y3)
A4
(Y4)
A5
(Y5)
A6
(X0)
A7
(X1)
D0
D1
D2
D3
D4
D5
D6
D7
Data Byte for all options
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com