Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4643 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X4643 Datasheet HTML 1Page - Renesas Technology Corp X4643 Datasheet HTML 2Page - Renesas Technology Corp X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8123 Rev 0.00
Page 1 of 21
March 29, 2005
FN8123
Rev 0.00
March 29, 2005
X4643, X4645
64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
DATASHEET
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20µA max standby current, watchdog on
—<1µA standby current, watchdog off
—3mA active current
• 64Kbits of EEPROM
—64-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8-lead SOIC
—8-lead TSSOP
DESCRIPTION
The X4643/5 combines four popular functions, Power-
on Reset Control, Watchdog Timer, Supply Voltage
Supervision, and Serial EEPROM Memory in one pack-
age. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable time
out interval, the device activates the RESET/RESET
signal. The user selects the interval from three preset
values. Once selected, the interval does not change,
even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting
the system when VCC falls below the set minimum
VCC trip point. RESET/RESET is asserted until VCC
returns to proper operating level and stabilizes. Four
industry standard VTRIP thresholds are available,
however, Intersil’s unique circuits allow the threshold
to be reprogrammed to meet custom requirements or
to fine-tune the threshold for applications requiring
higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET (X4643/5)
Reset
Low Voltage
Status
Register
Protect Logic
EEPROM Array
Watchdog Transition
Detector
WP
VCC Threshold
Reset Logic
RESET (X4645)
S0
S1


Similar Part No. - X4643

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
CPU Supervidor with 64K EEPROM
March 29, 2005
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
CPU Supervidor with 64K EEPROM
March 29, 2005
X4643S8-2.7 INTERSIL-X4643S8-2.7 Datasheet
332Kb / 21P
CPU Supervidor with 64K EEPROM
March 29, 2005
X4643S8-2.7A INTERSIL-X4643S8-2.7A Datasheet
332Kb / 21P
CPU Supervidor with 64K EEPROM
March 29, 2005
More results

Similar Description - X4643

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com