Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7030ZI1R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZLED7030ZI1R
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7030ZI1R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZLED7030ZI1R Datasheet HTML 3Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 4Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 5Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 6Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 7Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 8Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 9Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 10Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ZLED7x30 Datasheet
7
April 20, 2016
0
100
200
300
400
500
600
5
10
15
20
25
30
35
40
Vin(V)
Rs=0.10Ω
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
5
10
15
20
25
30
35
40
Vin(V)
1LED
3LED
7LED
10LED
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.17
Recommended output
switch duty cycle range
at fLXmax
DLX
0.3
0.9
1.3.18
Propagation delay of
internal comparator
tPD
25
ns
1.3.19
Thermal shutdown
temperature
TSD
150
°C
1.3.20
Thermal shutdown
hysteresis
TSD-HYS
20
K
1.4
Typical Operation Graphs
The curves are valid for the typical application circuit and Tamb = 25°C unless otherwise noted.
Figure 1.1
ZLED7x30 Supply Operating Current vs. Input Supply Voltage (VIN = 8.5 to 40V)
Figure 1.2
Efficiency (%) vs. Input Supply Voltage (VIN = 8.5 to 40V)
† Per Number of LEDs (Rs=0.10
Ω, L1=47μH)
† Minimum Vin depends on number of LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com