Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7030ZI1R Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZLED7030ZI1R
Description  High Current 40V LED Driver with Switch Dimming
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7030ZI1R Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZLED7030ZI1R Datasheet HTML 13Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 14Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 15Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 16Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 17Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 18Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 19Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 20Page - Renesas Technology Corp ZLED7030ZI1R Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ZLED7x30 Datasheet
17
April 20, 2016
kHz
8
.
121
s
56
.
5
s
64
.
2
1
T
T
1
f
OFF
ON
LX
=
+
=
+
=
µ
µ
3
.
0
s
56
.
5
s
64
.
2
s
64
.
2
T
T
T
V
12
V
4
.
3
V
V
D
OFF
ON
ON
IN
LED
LX
+
=
+
=
=
µ
µ
µ
(
)
s
A
V
V
A
H
t
OFF
µ
µ
56
.
5
26
.
0
30
.
0
333
.
0
36
.
0
4
.
3
333
.
0
3
.
0
220
=
+
+
+
=
(
)
s
A
V
V
A
H
t
ON
µ
µ
64
.
2
27
.
0
26
.
0
3
.
0
333
.
0
4
.
3
12
333
.
0
3
.
0
220
=
+
+
=
The inductance value has an equivalent effect on tON and tOFF and therefore affects the switching frequency. For the
same reason, the inductance has no influence on the duty cycle, for which the relationship of the summed LED
forward voltages n * VF to the input voltage VIN is a reasonable approximation. Because the input voltage is a factor in
the ON time, variations in the input voltage affect the switching frequency and duty cycle.
To achieve optimum performance, duty cycles close to 0.5 at the nominal average supply voltage are preferable for
improving the temperature stability of the output current.
Equations (5), (6), (7), and (8) provide an example of calculating tON, tOFF, operating frequency fLX, and duty cycle DLX
when using a 220
μH inductor for L1 and V
IN=12V, Rs = 0.30
Ω, r
L
=0.26Ω, V
LED=3.4V, IAVG =333mA, VD=0.36V, and
RLX
=0.27Ω.
Example:
(5)
(6)
(7)
(8)
For the L1 inductor, use a coil with a continuous current rating higher than the required mean output current and a
saturation current that exceeds the peak output current by 30% to 50% for robustness against transient conditions;
e.g., during start-up.
3.3.3
Bypass Capacitor C1
The bypass capacitor C1 has two functions: maintaining operating voltage and bypassing the current ripple of the
switching converter. In general, low ESR capacitors must be used.
If the circuit is supplied by rectified line voltage, C1 must provide enough charge to maintain the ZLED7x30’s
minimum operating voltage as well as the forward voltage of the LED string to keep the application working even if
the rectified supply voltage periodically drops below these values. A rough estimate for the minimum capacity needed
can be calculated with equation (9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com