Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP033-60YEX Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMP033-60YEX
Description  60 V, P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMP033-60YEX Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMP033-60YEX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
PSMP033-60YE
60 V, P-channel Trench MOSFET
VGS (V)
0
-4
-3
-2
-1
aaa-030716
-20
-15
-10
-5
ID
(A)
0
Tj = 175 °C
Tj = 25 °C
VDS = -10 V
Fig. 9. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
aaa-030717
1.0
1.5
0.5
2.0
2.5
a
0
Fig. 10. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj (°C)
-60
180
0
60
120
aaa-030718
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
VGS(th)
(V)
0
Max
Typ
Min
ID = -250 μA; VDS = VGS
Fig. 11. Gate-source threshold voltage as a function of
junction temperature
aaa-030719
VDS (V)
-10-1
-102
-10
-1
103
104
C
(pF)
102
Crss
Coss
Ciss
f = 1 MHz; VGS = 0 V
Fig. 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
PSMP033-60YE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
13 January 2021
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com