Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP033-60YEX Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMP033-60YEX
Description  60 V, P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMP033-60YEX Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMP033-60YEX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMP033-60YEX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
PSMP033-60YE
60 V, P-channel Trench MOSFET
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
S
source
2
S
source
3
S
source
4
G
gate
mb
D
mounting base; connected
to drain
mb
1 2 3 4
LFPAK56; Power-
SO8 (SOT669)
017aaa094
S
D
G
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMP033-60YE
LFPAK56;
Power-SO8
plastic, single-ended surface-mounted package; 4 terminals
SOT669
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMP033-60YE
03360YE
PSMP033-60YE
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
13 January 2021
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com