Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB3BB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
PUSB3BB2DF
Extremely low clamping low capacitance ESD protection
aaa-030874
-3
-1
1
S21
(dB)
-5
f (GHz)
10-1
102
10
1
Fig. 3. Insertion loss; typical values
VRWM (V)
-4
4
2
-2
0
aaa-030875
0.2
0.1
0.3
0.4
Cd
(pF)
0
Fig. 4. Capacitance as a function of reverse standoff
voltage; typical values
t (ns)
44
45
44.8
44.4
44.6
44.2
aaa-030876
95
105
115
Zdiff
(Ω)
85
(2)
(1)
tr = 200 ps
(1) Device on reference board
(2) Reference board without Device Under Test (DUT)
Fig. 5. Differential Time Domain Reflectometer (TDR) plot; typical values
PUSB3BB2DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
3 November 2020
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com