Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB2DF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB2DF
Description  Extremely low clamping low capacitance ESD protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB2DF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PUSB3BB2DF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3BB2DF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
PUSB3BB2DF
Extremely low clamping low capacitance ESD protection
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K1
cathode (diode 1)
2
K2
cathode (diode 2)[1]
3
K3
cathode (diode 3)
Transparent top view
1
2
3
DFN0603-3 (SOT8013)
aaa-030288
K1
K2
K3
[1] recommended for GND connection.
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PUSB3BB2DF
DFN0603-3
DFN0603-3; plastic, ultra small and leadless full encapsulated
package; 3 terminals; 0.225 mm pitch; 0.63 mm x 0.33 mm x
0.25 mm body
SOT8013
7. Marking
Table 4. Marking codes
Type number
Marking code
PUSB3BB2DF
B
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRWM
reverse standoff voltage
-4
4
V
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-8
8
A
Tamb
ambient temperature
-40
125
°C
Tstg
storage temperature
-65
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[2]
-20
20
kV
VESD
electrostatic discharge
voltage
IEC 61000-4-2; air discharge
[2]
-20
20
kV
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[2] Device stressed with ten non-repetitive ESD pulses.
PUSB3BB2DF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
3 November 2020
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com