Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F99X Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PUSB3F99X
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3F99X Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUSB3F99X Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
PUSB3F99
ESD protection for ultra high-speed interfaces
PUSB3F99
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 15 December 2017
3 / 12
6 Characteristics
Table 5. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II = 1 mA
6
-
-
V
ILR
reverse leakage current
per channel; VI = 3 V
-
-
1
μA
VF
forward voltage
II = 1 mA
-
0.7
-
V
Cline
line capacitance
f = 1 MHz; VI = 3.3 V
[1] -
0.5
0.6
pF
ΔCline
line capacitance difference
f = 1 MHz; VI = 3.3 V
[1] -
0.05
-
pF
surge
[2]
• positive transient
-
0.41
-
Ω
• negative transient
-
0.26
-
Ω
TLP
[3]
• positive transient
-
0.43
-
Ω
rdyn
dynamic resistance
• negative transient
-
0.28
-
Ω
IPP = 5.2 A
[2]
• positive transient
-
4.6
-
V
IPP = -4.4 A
[2]
VCL
clamping voltage
• negative transient
-
-2.2
-
V
[1]
This parameter is guaranteed by design.
[2]
According to IEC 61000-4-5 (8/20 μs current waveform).
[3]
100 ns Transmission Line Pulse (TLP); 50 Ω; pulser at 80 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com