Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F99X Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PUSB3F99X
Description  ESD protection for ultra high-speed interfaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3F99X Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PUSB3F99X Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3F99X Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
PUSB3F99
ESD protection for ultra high-speed interfaces
PUSB3F99
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 15 December 2017
8 / 12
VCL (V)
0
6
4
2
aaa-009371
2
4
6
IPP
(A)
0
IEC 61000-4-5; tp = 8/20 μs; positive pulse
Figure 11. Dynamic resistance with positive clamping;
typical values
VCL (V)
-2.5
0
-0.5
-1.5
-1.0
-2.0
aaa-009372
-4
-2
0
IPP
(A)
-6
IEC 61000-4-5; tp = 8/20 μs; negative pulse
Figure 12. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
12
8
4
aaa-009373
14
I
(A)
0
2
4
6
8
10
12
tp = 100 ns; Transmission Line Pulse (TLP)
Figure 13. Dynamic resistance with positive clamping;
typical values
VCL (V)
-6
0
-2
-4
aaa-009374
0
I
(A)
-14
-12
-10
-8
-6
-4
-2
tp = 100 ns; Transmission Line Pulse (TLP)
Figure 14. Dynamic resistance with negative clamping;
typical values
The device uses an advanced clamping structure showing a negative dynamic
resistance. This snap-back behavior strongly reduces the clamping voltage to the system
behind the ESD protection during an ESD event. Do not connect unlimited DC current
sources to the data lines to avoid keeping the ESD protection device in snap-back state
after exceeding breakdown voltage (due to an ESD pulse for instance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com