Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCI-0805-R10-J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CCI-0805-R10-J
Description  SMD Ceramic Chip Inductors, CCI Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCI-0805-R10-J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCI-0805-R10-J Datasheet HTML 1Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 2Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 3Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 4Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 5Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 6Page - List of Unclassifed Manufacturers CCI-0805-R10-J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Chilisin Electronics Singapore Pte Ltd
SMD Ceramic Chip Inductors, CCI Series
19, Woodlands Industrial Park E1 #03-07 Singapore 757719
Tel : 65 - 68921191
Fax : 65 - 67606760
- 15 -
C
S
E
Pb
Type
A
B
C
D
E
F
G
H
I
J
CCI-0603
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
CCI-0805
2.41
1.78
1.78
0.51
1.27
0.51
1.02
1.78
0.96
0.86
CCI-1008
2.92
2.79
2.29
0.51
2.03
0.51
1.52
2.54
0.96
1.50
CCI-1206
3.70
2.80
2.20
0.90
2.18
0.51
2.30
2.70
1.00
2.00
Electrical:
Part Number
Inductance
Current
CCI-0603 - Series
1.6 nH to 270nH
700mA to 170mA
CCI-0805 - Series
2.8 nH to 820nH
800mA to 180mA
CCI-1008 - Series
10 nH to 10uH
1000mA to 100mA
CCI-1206 - Series
3.3nH to 1.0uH
1000mA to 300mA
Ordering Code:
Feature:
Dimension in mm:
This type of Miniature SMD Ceramic Chip Inductor is specially
designed for the needs of today’s high frequency related
product. These products deliver very high SRF and also
excellent Q factor. With the non-magnetic coil form it’s assure
utmost temperature stability, predictability and batch
consistency.
N = No Lead / S = Std
Tolerance
Type
Inductance
CCI - 1008 - 180 -
-
Size
A
B
E
G
F
F
C
H
D
I
J
I
Pad Layout


Similar Part No. - CCI-0805-R10-J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCI11 ETC2-CCI11 Datasheet
33Kb / 1P
HEAT SINK
logo
CoolCox Limited All rig...
CCIPC191B COOLCOX-CCIPC191B Datasheet
352Kb / 1P
IPC COOLER CC-IPC191B
CCIPC20CD COOLCOX-CCIPC20CD Datasheet
366Kb / 1P
IPC COOLER CC-IPC20CD
CCIPC41A COOLCOX-CCIPC41A Datasheet
328Kb / 1P
IPC COOLER CC-IPC41A
CCIPC41C COOLCOX-CCIPC41C Datasheet
416Kb / 1P
IPC COOLER CC-IPC41C
More results

Similar Description - CCI-0805-R10-J

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0603C FRONTIER-0603C Datasheet
72Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
SMD Ceramic Multilayer Chip Inductors
CLH ETC2-CLH Datasheet
1Mb / 25P
SMD Ceramic Multilayer Chip Inductors
HPH ETC2-HPH Datasheet
252Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LMH LEIDITECH-LMH Datasheet
6Mb / 22P
SMD Ceramic Multilayer Chip Inductors
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
SMD Ceramic Multilayer Chip Inductors
logo
RFE international
SCLH RFE-SCLH Datasheet
1Mb / 14P
SMD Ceramic Multilayer Chip Inductors
23-OCT-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com