Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCI-0805-R18-J Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CCI-0805-R18-J
Description  SMD Ceramic Chip Inductors, CCI Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCI-0805-R18-J Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CCI-0805-R18-J Datasheet HTML 1Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 2Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 3Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 4Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 5Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 6Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Chilisin Electronics Singapore Pte Ltd
SMD Ceramic Chip Inductors, CCI Series
19, Woodlands Industrial Park E1 #03-07 Singapore 757719
Tel : 65 - 68921191
Fax : 65 - 67606760
- 19 -
C
S
E
Pb
Part Number
Inductance
(nH)
Test Freq.
MHz
Q
Min
Test Freq.
MHz
SRF
MHz min
RDC
Ω Max
IDC
mA Max
CCI -1206-3R3- -
3.3
100
30
300
6200
0.05
1000
CCI -1206-6N8- -
6.8
100
30
300
5500
0.07
1000
CCI-1206-10N- -
10.0
100
40
300
4000
0.08
1000
CCI-1206-12N- -
12.0
100
40
300
3200
0.08
1000
CCI -1206-15N- -
15.0
100
50
300
3200
0.10
1000
CCI -1206-18N- -
18.0
100
50
300
2800
0.10
1000
CCI -1206-22N- -
22.0
100
50
300
2200
0.10
1000
CCI -1206-27N- -
27.0
100
50
300
1800
0.11
1000
CCI -1206-33N- -
33.0
100
55
300
1800
0.11
1000
CCI -1206-39N- -
39.0
100
55
300
1800
0.12
1000
CCI -1206-47N- -
47.0
100
55
300
1500
0.13
1000
CCI -1206-56N- -
56.0
100
55
300
1450
0.14
1000
CCI -1206-68N- -
68.0
100
55
300
1200
0.26
900
CCI -1206-82N- -
82.0
100
55
300
1200
0.21
900
CCI -1206-R10- -
100.0
100
55
300
1100
0.26
850
CCI -1206-R12- -
120.0
100
60
300
1100
0.26
800
CCI -1206-R15- -
150.0
100
60
300
950
0.31
750
CCI -1206-R18- -
180.0
50
60
300
900
0.43
700
CCI -1206-R22- -
220.0
50
60
300
760
0.50
670
CCI -1206-R27- -
270.0
50
55
300
730
0.56
630
CCI -1206-R33- -
330.0
50
45
150
650
0.62
590
CCI -1206-R39- -
390.0
50
45
150
600
0.75
530
CCI -1206-R47- -
470.0
50
45
150
550
1.30
490
CCI -1206-R56- -
560.0
35
45
150
470
1.34
460
CCI -1206-R62- -
620.0
35
45
150
470
1.58
460
CCI -1206-R68- -
680.0
35
45
150
450
1.58
430
CCI -1206-R75- -
750.0
35
45
150
440
2.25
320
CCI -1206-R82- -
820.0
35
45
150
420
1.82
400
CCI -1206-R91- -
910.0
35
45
150
410
2.95
310
CCI -1206-1R0- -
1000.0
35
45
150
400
2.80
320
CCI -1206-1R2- -
1200.0
35
45
150
380
3.20
300
Tolerance: G = ± 2% , J = ± 5% , K = ± 10%
IDC: measure at 15ºC above 25ºC
Operating Temperature range; -40ºC to +125ºC
Electrical Characteristics:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com