Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCI-0805-R18-J Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CCI-0805-R18-J
Description  SMD Ceramic Chip Inductors, CCI Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCI-0805-R18-J Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CCI-0805-R18-J Datasheet HTML 1Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 2Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 3Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 4Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 5Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 6Page - List of Unclassifed Manufacturers CCI-0805-R18-J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Chilisin Electronics Singapore Pte Ltd
SMD Ceramic Chip Inductors, CCI Series
19, Woodlands Industrial Park E1 #03-07 Singapore 757719
Tel : 65 - 68921191
Fax : 65 - 67606760
- 20 -
C
S
E
Pb
Mechanical Performances:
No
Item
Specification
Test Condition
1.
Vibration Test
1. Appearance – No damage
1.Test Device should be Soldered on Substrate
(Low
2.Inductance – within ±10
2.Oscillation Freq – 10 to55 to 10Hz for 1 min
frequency)
of initial value
3.Amplitude – 1.5mm
3.Q Changes – within ±30
4.Time – 2 Hrs for each axis (X,Y,Z) Total 6 Hrs
of initial value
2
Resistance to
1.Pre-Heat - 150ºC, 1 min
Soldering
Appearance – No Damage
2.Solder – H63A (Eutectic Solder)
Heat
3.Soldering Temperature - 260ºC ± 5ºC
4. Immersion Time – 10 ± 1 sec
3
Solderability
Electrodes Shall be at least
1.Pre-Heat - 150ºC, 1 min
90% covered with new
2.Solder – H63A (Eutectic Solder)
solder
3.Soldering Temperature - 230ºC ± 5ºC
4. Immersion Time – 4 ± 1 sec
4
Terminal
Components must withstand
Device should be solder on Copper substrate.
Strength
the minimum force of
A force gauge is applied to the side of the
(Push Test)
5N(0.51kg F)
component.
Device must withstand a minimum force stated.
Environmental Performances:
No
Item
Specification
Test Condition
1
Temperature
One Cycle:
Cycle
Step
Temperature. (ºC)
Time(min)
1
-25 ± 3
30
2
25 ± 2
15
3
85 ± 3
30
4
25 ± 3
15
Appearance : No Damage
Total : 5 Cycles
2.
Humidity
Inductance : △Within +/- 10%
Temperature : 125ºC ± 3ºC
Resistance
of initial value
Relative Humidity : 90% ~ 95%
Q factor : △Within +/- 30%
Time : 100 Hrs
of initial value.
Measured after exposure in room condition = 24hrs
3
High
Temperature : 125ºC ± 3ºC
Temperature
Time : 50 Hrs
Resistance
Measured after exposure in room condition = 24hrs
4
Low
Temperature : -40ºC ± 3ºC
Temperature
Time : 50 Hrs
Resistance
Measured after exposure in room condition = 24hrs
5
High
Device should have no
Temperature : 85ºC ± 3ºC
Temperature
evidence of Open
Loaded : Rated DC current
Load Life
or short circuit
Duration: 1000 Hrs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com