Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0986 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0986
Description  5 Megapixel mobile imaging processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0986 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0986 Datasheet HTML 1Page - STMicroelectronics STV0986 Datasheet HTML 2Page - STMicroelectronics STV0986 Datasheet HTML 3Page - STMicroelectronics STV0986 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/4
4
STV0986
5 Megapixel mobile imaging processor
Features
■ Supports 2 mutually exclusive SMIA profile 2
compliant sensors of up to 5 Megapixel
resolution(a)
■ Interfaces
– Sensor interface: 2 x SMIA CCP Class 2(b)
receivers (640Mbit/s)
– Host interface: SMIA CCP Class 1(b)
transmitter (416Mbit/s) or ITU (8-bit CCIR
interface, up to 80MHz)
– Control interface: I²C (400kHz)
■ Enhanced video processor
– Noise and defect filtering, color
reconstruction, sharpness enhancement,
4-channel lens shading correction and
barrel distortion correction
– Statistic processor for automatic exposure,
automatic white balance and auto-focus
control
– General purpose input/outputs (GPIOs) for
controlling external actuators
■ 2 video pipes for full frame-rate concurrent
viewfinder and video/still capture. Single shot
(e.g. flashgun) thumbnail generation
– Gamma correction programmable for both
CRT and LCD displays
– Color correction matrix
– Digital zoom: Smooth 16X downscale
capability with up-scale capability to 4X
■ Output formats: JPEG, YUV4:2:2, YUV4:2:0,
Planar YUV4:2:0 (up to CIF), RGB888,
RGB565, RGB444
■ 4:2:0 JPEG compression with programmable
quantization matrix and target file size
■ JPEG operations up to 30 fps at 2 Megapixel
resolution, up to 20 fps at 3 Megapixel
resolution, and up to 12.5 fps at 5 Megapixel
resolution
■ Interleaved video modes
(concurrent viewfinder and video/still capture)
– ‘Alternate frame’ mode up to 15 fps
– ‘Single frame’ mode up to 30 fps
■ Image rotation/mirroring/flip support for
viewfinder (up to CIF)
■ Independent host interface transmitter clock,
generated by an embedded PLL - frequency
selectable by host
■ Synchronised flash gun control with red-eye
reduction (pre-flash and main-flash strobes for
high-power LED or Xenon strobe control)
■ Enhanced multi-zone auto-focus (supporting
up to 9 zones with programmable weighting)
Description
The STV0986 is an ultra low power megapixel
digital image processor designed to fit into mobile
applications. The STV0986 contains advanced
image correction, noise reduction techniques and
a
smooth
digital
zoom
facility,
resulting
in
exceptional
image
quality
in
today’s
multi-
megapixel images. The STV0986 supports 2
SMIA sensors, flashgun (LED or Xenon), auto-
focus and programmable general purpose IOs for
additional external actuators. The internal buffer
and versatile clock manager within the STV0986
accommodates
a
wide
range
of
data-rates
between the sensors, the STV0986 and the host.
Applications
■ Mobile phone
■ PDA
■ Wireless security camera
a.
SMIA 1.0 functional specification version 1.0
http://www.smia-forum.org/
b.
SMIA 1.0 CCP2 Specification version 1.0
www.st.com


Similar Part No. - STV0986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0984 STMICROELECTRONICS-STV0984 Datasheet
39Kb / 3P
2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
05-Sep-2005
STV0984 STMICROELECTRONICS-STV0984 Datasheet
63Kb / 5P
2 Megapixel SMIA profile 2 mobile imaging processor
04-Dec-2007
STV0984/TR STMICROELECTRONICS-STV0984/TR Datasheet
39Kb / 3P
2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
05-Sep-2005
STV0984TR STMICROELECTRONICS-STV0984TR Datasheet
39Kb / 3P
2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
05-Sep-2005
STV0984TR STMICROELECTRONICS-STV0984TR Datasheet
63Kb / 5P
2 Megapixel SMIA profile 2 mobile imaging processor
04-Dec-2007
More results

Similar Description - STV0986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
Imaging/Signal Processor
logo
STMicroelectronics
STV0976 STMICROELECTRONICS-STV0976 Datasheet
41Kb / 3P
1.0 Megapixel SMIA Processor
Oct-2004
STV0974 STMICROELECTRONICS-STV0974 Datasheet
774Kb / 69P
Mobile Imaging DSP
STV0984 STMICROELECTRONICS-STV0984 Datasheet
39Kb / 3P
2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
05-Sep-2005
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
1.3 Megapixel Mobile Camera Module
01-Feb-2006
logo
Broadcom Corporation.
BCM1161 BOARDCOM-BCM1161 Datasheet
170Kb / 2P
MOBILE VOIP PROCESSOR
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
STMicroelectronics
VD6725 STMICROELECTRONICS-VD6725 Datasheet
190Kb / 4P
2 megapixel, 1/5 inch system-on-chip imaging sensor
31-Jan-2008
STV0984 STMICROELECTRONICS-STV0984_07 Datasheet
63Kb / 5P
2 Megapixel SMIA profile 2 mobile imaging processor
04-Dec-2007
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
Complete 16-Bit Imaging Signal Processor
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com