Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0986 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0986
Description  5 Megapixel mobile imaging processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0986 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0986 Datasheet HTML 1Page - STMicroelectronics STV0986 Datasheet HTML 2Page - STMicroelectronics STV0986 Datasheet HTML 3Page - STMicroelectronics STV0986 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical specifications
STV0986
2/4
Technical specifications
Table 1.
Technical specifications
Technology
90nm CMOS
Sensor
SMIA compliant sensors up to 5 Megapixels.
Frame rate
Up to 30fps:
– @ 2MP JPEG + CIF RGB565
– @ VGA YUV422
– @ CIF RGB888 + QCIF YUV422
Up to 20fps
@ 3MP JPEG + CIF RGB565
Up to 12.5fps
– @ 5MP JPEG + CIF RGB565l
Still digital zoom
16X downscale from full input resolution and up to 4X upscale
Video/Viewfinder digital zoom
16X downscale from full input resolution and up to 4X upscale, with
smooth zoom effect in x0.001 steps
Power supplies
2.8V or 1.8V +/- 5% (I/O ring)
1.8V +/- 5% (CCP interfaces and PLL)
1.2V +/- 5% (core logic), or
1.2V generated by the internal regulator from the 1.8V supply
Power requirements (typical)
3MP JPEG + QVGA RGB565 @ 20fps:
– 165 mA @ 1.2V and 15 mA @ 1.8V for external 1.2V supply
– 185mA @ 1.8V if using internal regulator
Viewfinder QVGA RGB565 @ 20fps:
– 45 mA @ 1.2V and 15 mA @ 1.8V for external 1.2V supply
– 65mA @ 1.8V if using internal regulator
Standby < 100µW
Package
Rohs compliant (Leadfree)
– TFBGA
84 balls 6 x 6 x 1.2 mm, pin compatible with STV0984
Table 2.
Temperature ranges
Storage
-40 to +150 °C
Operating
-25 to +70 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com