Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G1B6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72F264G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1B6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72F264G1B6 Datasheet HTML 16Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 17Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 18Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 19Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 20Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 21Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 22Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 23Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
20/172
6 SUPPLY, RESET AND CLOCK MANAGEMENT
The device includes a range of utility features for
securing the application in critical situations (for
example in case of a power brown-out), and re-
ducing the number of external components. An
overview is shown in Figure 10.
For more details, refer to dedicated parametric
section.
Main Features
■ Optional PLL for multiplying the frequency by 2
(not to be used with internal RC oscillator)
■ Reset Sequence Manager (RSM)
■ Multi-Oscillator Clock Management (MO)
– 4 Crystal/Ceramic resonator oscillators
– 1 Internal RC oscillator
■ System Integrity Management (SI)
– Main supply Low Voltage Detector (LVD)
– Auxiliary Voltage Detector (AVD) with inter-
rupt capability for monitoring the main supply
6.1 PHASE LOCKED LOOP
If the clock frequency input to the PLL is in the 2 to
4 MHz range, the PLL can be used to multiply the
frequency by two to obtain an fOSC2 of 4 to 8 MHz.
The PLL is enabled by option byte. If the PLL is
disabled, then fOSC2 = fOSC/2.
Caution: The PLL is not recommended for appli-
cations where timing accuracy is required. See
“PLL Characteristics” on page 139.
Figure 9. PLL Block Diagram
Figure 10. Clock, Reset and Supply Block Diagram
0
1
PLL OPTION BIT
PLL x 2
fOSC2
/ 2
fOSC
LOW VOLTAGE
DETECTOR
(LVD)
fOSC2
AUXILIARY VOLTAGE
DETECTOR
(AVD)
MULTI-
OSCILLATOR
(MO)
OSC1
RESET
VSS
VDD
RESET SEQUENCE
MANAGER
(RSM)
OSC2
MAIN CLOCK
AVD Interrupt Request
CONTROLLER
PLL
WATCHDOG
SICSR
TIMER (WDG)
WITH REALTIME
CLOCK (MCC/RTC)
AVD AVD LVD
RF
0
IE
0
WDG
RF
fOSC
(option)
0
F
fCPU
0
MISCR1 Register
SYSTEM INTEGRITY MANAGEMENT
SLOW MODE
SELECTION
to CPU
and
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com