Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G1B6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72F264G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1B6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72F264G1B6 Datasheet HTML 29Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 30Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 31Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 32Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 33Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 34Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 35Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 36Page - STMicroelectronics ST72F264G1B6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
33/172
8 POWER SAVING MODES
8.1 INTRODUCTION
To give a large measure of flexibility to the applica-
tion in terms of power consumption, three main
power saving modes are implemented in the ST7
(see Figure 20).
After a RESET the normal operating mode is se-
lected by default (RUN mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency divided by 2 (fCPU).
From Run mode, the different power saving
modes may be selected by setting the relevant
register bits or by calling the specific ST7 software
instruction whose action depends on the oscillator
status.
Figure 20. Power Saving Mode Transitions
8.2 SLOW MODE
This mode has two targets:
– To reduce power consumption by decreasing the
internal clock in the device,
– To adapt the internal clock frequency (fCPU) to
the available supply voltage.
SLOW mode is controlled by three bits in the
MISR1 register: the SMS bit which enables or dis-
ables Slow mode and two CPx bits which select
the internal slow frequency (fCPU).
In this mode, the oscillator frequency can be divid-
ed by 4, 8, 16 or 32 instead of 2 in normal operat-
ing mode. The CPU and peripherals are clocked at
this lower frequency.
Note: SLOW-WAIT mode is activated when enter-
ring the WAIT mode while the device is already in
SLOW mode.
Figure 21. SLOW Mode Clock Transitions
POWER CONSUMPTION
WAIT
SLOW
RUN
HALT
High
Low
SLOW WAIT
00
01
SMS
CP1:0
fCPU
NEW SLOW
NORMAL RUN MODE
FREQUENCY
REQUEST
REQUEST
fOSC2
fOSC2/2
fOSC2/4
fOSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com