Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3031981 Datasheet(PDF) 1 Page - Lapp.

Part # DB3031981
Description  UNITRONIC BUS PB HEAT 180 1x2x0,64
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

DB3031981 Datasheet(HTML) 1 Page - Lapp.

  DB3031981 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.I. Lapp
GmbH
DATA SHEET
HEAT 180 1x2x0,64
DB3031981
valid from: 25.03.2013
Originator: RAWE/PDC
approved: HAPF/PDC
Document:
DB3031981
page 1 of 1
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10DE
Application
High temperature PROFIBUS data-cable for fixed installation up to 180 °C. The cable is oil and sunlight resistant.
Design
Conductor
bare copper wire, ca. 0.64 mm ∅
Insulation
foamed flouroethylene, core ∅ ca. 2.55 mm
Core identification code
a-core red, b-core green
Stranding
2 cores stranded together with fillers
Screening
aluminized foil
on top:
braid of tinned copper wires, coverage ca. 60 %
Outer sheath
perfluoroethylenepropylene (FEP), violet, outer ∅: ca. 7.2 mm
Electrical properties at 20° C
Resistance (loop)
max. 110 Ω/km
Insulation resistance
min. 16 GΩxkm
Mutual capacitance
ca. 28 nF/km
Characteristic impedance
9.6 kHz: 270 Ω ± 27 Ω
38.4 kHz: 185 Ω ± 18.5 Ω
3 up to 20 Mhz: 150 Ω ± 15 Ω
Line attenuation
9.6 kHz: max. 0.25 dB/100 m
38.4 kHz: max. 0.4 dB/100 m
4 MHz: max. 2.2 dB/100 m
16 MHz: max. 4.2 dB/100 m
Operating voltage (rms-value)
max. 250 V
Test voltage (DC, 3 sec)
3600 V
Mechanical and thermal properties
Minimum bending radius
repeated: 7 x outer diameter
single: 5 x outer diameter
Permissible temperature range
-50 °C up to +180 °C
General requirements
Dangerous and forbidden substances acc. to RoHS
directive 2011/65/EU regarding Restriction of the use of
certain hazardous substances (RoHS) are not allowed to the
manufacturing.


Similar Part No. - DB3031981

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DB303 DYELEC-DB303 Datasheet
1Mb / 2P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB303 DYELEC-DB303 Datasheet
2Mb / 3P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB303 JUXING-DB303 Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DB303 ZSELEC-DB303 Datasheet
73Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB303 JUXING-DB303 Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - DB3031981

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170220 LAPP-2170220 Datasheet
174Kb / 2P
UNITRONIC® BUS PB 1x2x0.64
01.01.2019
2170222 LAPP-2170222 Datasheet
184Kb / 2P
UNITRONIC® BUS PB FD P 1x2x0,64
01.01.2019
2170236 LAPP-2170236 Datasheet
175Kb / 2P
UNITRONIC® BUS PB YY 1x2x0,64
01.01.2019
2170322 LAPP-2170322 Datasheet
192Kb / 2P
UNITRONIC® BUS PBFD PFC. 1x2x0,64 |
01.01.2019
2170223 LAPP-2170223 Datasheet
175Kb / 2P
UNITRONIC® BUS PB Yv 1x2x0,64
01.01.2019
2170495 LAPP-2170495 Datasheet
108Kb / 2P
UNITRONIC® BUS PB FD P HYBRID 1X2X0,644X1,5
02.10.2018
2170620 LAPP-2170620 Datasheet
179Kb / 2P
UNITRONIC® BUS PB ROBUST
01.01.2019
2170630 LAPP-2170630 Datasheet
181Kb / 2P
UNITRONIC® BUS PB 105
01.01.2019
2170856 LAPP-2170856 Datasheet
181Kb / 2P
UNITRONIC® BUS PB TRAY
01.01.2019
DB2170332 LAPP-DB2170332 Datasheet
73Kb / 1P
UNITRONIC BUS PB TORSION 1x2x0,8
30.01.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com