Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 1 Page - Lapp.

Part # LSC
Description  FLEXIMARK® Steel cable ties LS and LSC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LSC Datasheet(HTML) 1 Page - Lapp.

  LSC Datasheet HTML 1Page - Lapp. LSC Datasheet HTML 2Page - Lapp. LSC Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Valid from:
05-12-2018
FLEXIMARK® Steel cable ties LS and LSC
Creator: Fleximark/LR
Document: DB61812947EN FLEXIMARK Steel cable
ties LS LSC
Version: 02
Page 1 of 3
No.: 0019/0894
For cable and pipe marking.
High quality stainless steel cable ties (SS2348, AISI-316L). For demanding aggressive environment.
Used together with FLEXIMARK Stainless steel marking. Mounted with FLEXIMARK Cable tie plier HT-338.
Available with and without polyester coating. Different lengths and widths available in the assortment.
Provided with efficient roller ball locking device.
Technical data
Material:
Stainless steel according to EN 1.4404 (SS2348, AISI-316L)
Temperature range:
-80°C up to +539°C (coated ties up to +150°C)
Resistance:
Acid-resistance
Approval:
Achilles JQS, UL, DNV-GL, Lloyds, Bureau Veritas
Lengths (widths 4,6 mm):
100, 125, 150, 200, 360, 520, 680, 840,
Lengths (widths 7,9 mm):
200, 360, 520, 680, 840, 1200, 1400, 1016 mm and 100 m
Steel cable ties LS:
without polyester coating
Steel cable ties LSC:
with polyester coating
Mounting:
FLEXIMARK Steel cable ties are easily mounted together with FLEXIMARK Cable tie plier.
Advantages:
Durable marking for aggressive and demanding environments.
Easy and fast mounting with FLEXIMARK Cable tie plier HT-338.
High quality stainless steel material (SS2348, AISI-316L).
Chemical resistance.
Cable ties for indoor and outdoor.
Delivered in different lengths.
FLEXIMARK Steel cable ties LSC with polyester coating with softer edges.


Similar Part No. - LSC

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
LSC STATEK-LSC Datasheet
85Kb / 2P
Low Power Surface Mount Crystal Oscillator
logo
RUBYCON CORPORATION
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
IQD Frequency Products ...
LSC-3.3V IQD-LSC-3.3V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
LSC-5.0V IQD-LSC-5.0V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - LSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
logo
OEN India Limited
04-06100SS OENINDIA-04-06100SS Datasheet
67Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
LCK LAPP-LCK Datasheet
924Kb / 4P
FLEXIMARK® Wrapping label LCK
06.12.2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com