Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 3 Page - Lapp.

Part # LSC
Description  FLEXIMARK® Steel cable ties LS and LSC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LSC Datasheet(HTML) 3 Page - Lapp.

  LSC Datasheet HTML 1Page - Lapp. LSC Datasheet HTML 2Page - Lapp. LSC Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATA SHEET
Valid from:
05-12-2018
FLEXIMARK® Steel cable ties LS and LSC
Creator: Fleximark/LR
Document: DB61812947EN FLEXIMARK Steel cable
ties LS LSC
Version: 02
Page 3 of 3
No.: 0019/0894
Related products
FLEXIMARK Steel cable ties are used for mounting FLEXIMARK Stainless steel marking, made with the same stainless
steel material (SS2348, AISI-316L).
FLEXIMARK Stainless steel marking is available with holders and character strips for mounting on site, and also customized
ready-embossed according to customer specifications.
For easier and more efficient mounting we recommend the FLEXIMARK Cable tie plier.
This tool automatically tightens and cuts stainless steel ties, coated and uncoated.
It can handle cable ties in widths up to 7.9 mm and thickness up to 0.3 mm.
Note:
Pictures are not to scale and do not represent detailed images of each product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com