Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4864A Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. MP4864A Datasheet HTML 11Page - MPS Industries, Inc. MP4864A Datasheet HTML 12Page - MPS Industries, Inc. MP4864A Datasheet HTML 13Page - MPS Industries, Inc. MP4864A Datasheet HTML 14Page - MPS Industries, Inc. MP4864A Datasheet HTML 15Page - MPS Industries, Inc. MP4864A Datasheet HTML 16Page - MPS Industries, Inc. MP4864A Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
13
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TEST CIRCUITS (continued)
90%
t ON
10%
t OFF
VLL
GND
VDD
SWOUT
t ON / t OFF
SWIN
VOUT
RGND
2V
DIN
CLK
VOUT
DIN
CLK
Ω
Figure 5: Test Circuit 4
Switch-Off Isolation
VLL
VSIG = 10VP-P
at 5MHz
Sine Wave
GND
VDD
VOUT
KO = 20Log
VOUT
VSIG
SWOUT
SWIN
RGND
Figure 6: Test Circuit 5
VLL
VSIG = 10Vp-p
at 5MHz
Sine Wave
GND
VDD
VOUT
NC
KCR = 20Log
VOUT
VSIG
Switch Crosstalk
SWOUT
SWIN
RGND
Figure 7: Test Circuit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com