Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3650 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MPM3650
Description  2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3650 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MPM3650 Datasheet HTML 9Page - MPS Industries, Inc. MPM3650 Datasheet HTML 10Page - MPS Industries, Inc. MPM3650 Datasheet HTML 11Page - MPS Industries, Inc. MPM3650 Datasheet HTML 12Page - MPS Industries, Inc. MPM3650 Datasheet HTML 13Page - MPS Industries, Inc. MPM3650 Datasheet HTML 14Page - MPS Industries, Inc. MPM3650 Datasheet HTML 15Page - MPS Industries, Inc. MPM3650 Datasheet HTML 16Page - MPS Industries, Inc. MPM3650 Datasheet HTML 17Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MPM3650
– 6A, 17V, 6A, 1.2MHz, STEP-DOWN POWER MODULE WITH DCM
MPM3650 Rev. 1.1
MonolithicPower.com
13
9/17/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MPM3650 is a fully integrated, synchronous,
rectified, step-down, switch-mode power module.
Constant-on-time (COT) control provides fast
transient response and easy loop stabilization.
Figure 2 shows the MPM3650
’s simplified ramp
compensation block.
VOUT
L
COUT
RESR
R1
R2
On
Timer
Logic
Control
VREF
SW
RAMP
VFB
Ramp
Generator
PWM
BUF
Figure 2: Simplified Ramp Compensation Block
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on once the feedback
(FB) voltage (VFB) drops below the reference
voltage (VREF), and indicates there is an
insufficient output voltage (VOUT). The on time
(tON) is determined by both VOUT and the input
voltage (VIN) to make the switching frequency
(fSW) fairly constant across the entire VIN range.
After tON elapses, the HS-FET turns off. Once VFB
drops below VREF, it turns on again. The
converter regulates VOUT by repeating this
operation. The integrated low-side MOSFET
(LS-FET) turns on once the HS-FET turns off to
minimize conduction loss. If both the HS-FET
and LS-FET are on at the same time, a dead
short occurs between input and PGND. This is
called shoot-through. To avoid shoot-through, a
dead-time (DT) is internally generated between
the HS-FET off time (tOFF) and LS-FET tON, and
vice versa.
Internal compensation is applied during COT
control to ensure stable operation even when
ceramic capacitors are being used as the output
capacitors. This internal compensation improves
the jitter performance without affecting the line or
load regulation.
Continuous Conduction Mode (CCM)
If the output current (IOUT) is high and the inductor
current (IL) is always above 0A, the device
operates in continuous conduction mode (CCM).
If VFB+RAMP drops below the error amplifier output
(VEAO), the HS-FET turns on for a fixed interval,
which is determined by a one-shot on-timer.
Once the HS-FET turns off, the LS-FET turns on
and remains on until the next period. Figure 3
shows
CCM
under
heavy-load
conditions
Figure 3: CCM under Heavy-Load Conditions
During CCM, fSW is fairly constant. This constant
fSW during CCM is called pulse-width modulation
(PWM) mode.
VCC Regulator
The 3.5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates across the full VIN range. If VIN
exceeds 3.5V, the regulator output is in full
regulation. If VIN drops below 3.5V, the regulator
output decreases following VIN. The device
includes an internal, 1
μF decoupling ceramic
capacitor.
Enable (EN)
EN is a digital control pin that turns the converter
on and off. Drive EN above 1.23V to turn the
converter on; drive EN below 1V to turn it off.
When floating EN, pull EN down to AGND via an
internal 1.2
MΩ resistor.
EN can be connected directly to the VIN pin. It
supports a VIN range up to 17V.
Under-Voltage Lockout (UVLO) Protection
Under-voltage
lockout
(UVLO)
protection
protects the chip from operating at an insufficient
supply voltage. The UVLO comparator monitors
VOUT of the internal regulator (VCC). The VCC
UVLO rising threshold is about 2.5V, and its
falling threshold is 2.3V.
Whenever VFB+RAMP
drops below VEAO, the
HS-FET turns on
tON is constant
FB+RAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com