Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3650 Datasheet (PDF) - MPS Industries, Inc.

MPM3650 Datasheet PDF - MPS Industries, Inc.
Part # MPM3650
Download  MPM3650 Download
File Size   910.61 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode

MPM3650 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3650 Datasheet PDF - MPS Industries, Inc.

Part # MPM3650
Download  MPM3650 Click to download

File Size   910.61 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode

MPM3650 Datasheet (HTML) - MPS Industries, Inc.


MPM3650 Product details

DESCRIPTION
The MPM3650 is a fully integrated highfrequency,
synchronous, rectified, step-down
power module with an internal inductor. It offers
a highly compact solution to achieve 6A of
continuous output current (IOUT) across a wide
input voltage (VIN) range, with excellent load and
line regulation. The MPM3650 offers
synchronous mode for high efficiency across the
entire output current load range.
Constant-on-time (COT) control provides fast
transient response, easy loop design, and tight
output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MPM3650 requires a minimal number of
readily available, standard external components,
and is available in a space-saving QFN-24
(4mmx6mm) package.

FEATURES
 Wide 2.75V to 17V Operating Input Voltage
(VIN) Range
 Output Current (IOUT):
o 0.6V to 1.8V, 6A IOUT
o Above 1.8V, 5A IOUT
 Internal Power MOSFETs
 Adjustable Output from 0.6V
 High-Efficiency Synchronous Mode
 Discontinuous Conduction Mode (DCM) for
High Efficiency at Light-Loads
 Continuous Conduction Mode (CCM) at
Heavy Loads
 Supports Pre-Biased Start-Up
 1200kHz Fixed Switching Frequency (fSW)
 Configurable External Soft-Start Time (tSS)
 Enable (EN) and Power Good (PG) for
Power Sequencing
 Over-Current Protection (OCP) with Hiccup
Mode
 Thermal Shutdown
 Available in a QFN-24 (4mmx6mmx1.6mm)
Package

APPLICATIONS
 Field-Programmable Gate Array (FPGA)
Power Systems
 Optical Modules
 Telecommunications
 Networking
 Industrial Equipment




Similar Part No. - MPM3650

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3650 MPS-MPM3650 Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
MPM3650GQW MPS-MPM3650GQW Datasheet
1Mb / 10P
17V, 6A, Step-Down Converter Module Evaluation Board
6/25/2021 Rev. 1.1
MPM3650GQW MPS-MPM3650GQW Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
MPM3650GQW-P MPS-MPM3650GQW-P Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
MPM3650GQW-Z MPS-MPM3650GQW-Z Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous, Step-Down Power Module with Discontinuous Conduction Mode
9/17/2021 Rev. 1.1
More results


Similar Description - MPM3650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
logo
Taiwan Semiconductor Co...
TS19730CX6 TSC-TS19730CX6 Datasheet
209Kb / 7P
Discontinuous Conduction Mode Control
logo
Monolithic Power System...
MPM3860 MPS-MPM3860 Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
MPM3864 MPS-MPM3864 Datasheet
687Kb / 22P
2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module
Rev. 1.0 4/14/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com