Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3864 Datasheet (PDF) - Monolithic Power Systems

MPM3864 Datasheet PDF - Monolithic Power Systems
Part # MPM3864
Download  MPM3864 Download
File Size   687.51 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module

MPM3864 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3864 Datasheet PDF - Monolithic Power Systems

Part # MPM3864
Download  MPM3864 Click to download

File Size   687.51 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.75V to 7V, 6A, 1.2MHz,Synchronous Power Module

MPM3864 Datasheet (HTML) - Monolithic Power Systems


MPM3864 Product details

DESCRIPTION
The MPM3864 is a fully integrated, highfrequency,
synchronous, rectified, step-down
power module with an internal inductor. This
device is a compact solution that achieves 6A
of continuous output current (IOUT) across a
wide input voltage (VIN) range with excellent
load and line regulation. The MPM3864 has
synchronous mode operation for higher
efficiency across the IOUT load range.
Constant-on-time (COT) control provides very
fast transient response and easy loop design,
as well as very tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage lockout (UVLO), and thermal
shutdown.
The MPM3864 requires a minimal number of
readily available, standard external components,
and it is available in a space-saving ECLGA-19
(3mmx3mmx1.85mm) package.

FEATURES
• Wide 2.75V to 7V Operating Input Voltage
(VIN) Range
• 6A Output Current (IOUT)
• Internal Power MOSFETs
• Output Voltage (VOUT) Adjustable from 0.6V
• High-Efficiency Synchronous Mode
Operation
• Pre-Biased Start-Up
• Forced Continuous Conduction Mode
(FCCM) for Low VOUT Ripple
• Fixed 1200kHz Switching Frequency (fSW)
• Configurable, External Soft-Start Time (tSS)
• Enable (EN) and Power Good (PG) for
Power Sequencing
• Over-Current Protection (OCP) with Hiccup
Mode
• Thermal Shutdown
• Available in an ECLGA-19
(3mmx3mmx1.85mm) Package

APPLICATIONS
• Field-Programmable Gate Array (FPGA)
Power Systems
• Optical Modules
• Telecom
• Networking
• Industrial Equipment




Similar Part No. - MPM3864

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3860 MPS-MPM3860 Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
MPM3860GQW MPS-MPM3860GQW Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
More results


Similar Description - MPM3864

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
5V 6A 1.2MHz Synchronous Boost Converter
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Monolithic Power System...
MPM3860 MPS-MPM3860 Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
MPS Industries, Inc.
MPM3650 MPSIND-MPM3650 Datasheet
910Kb / 22P
2.75 to 17V, 6A, 1.2MHz, Synchronous,Step-Down Power Module with Discontinuous Conduction Mode
Rev. 1.1 9/17/2021
MPM3834C MPSIND-MPM3834C Datasheet
1Mb / 20P
2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.01 6/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com