Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3834C Datasheet (PDF) - MPS Industries, Inc.

MPM3834C Datasheet PDF - MPS Industries, Inc.
Part # MPM3834C
Download  MPM3834C Download
File Size   1084.96 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise

MPM3834C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3834C Datasheet PDF - MPS Industries, Inc.

Part # MPM3834C
Download  MPM3834C Click to download

File Size   1084.96 Kbytes
Page   20 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise

MPM3834C Datasheet (HTML) - MPS Industries, Inc.


MPM3834C Product details

DESCRIPTION
The MPM3834C is synchronous, step-down
power module with an integrated inductor. The
MPM3834C achieves 3A of continuous output
current (IOUT) from a 2.75V to 6V input voltage
(VIN) range, with excellent load and line
regulation. The MPM3834C works in forced
continuous conduction mode (FCCM) and has a
small output voltage (VOUT) ripple with one
output capacitor. This makes the device wellsuited
for optical modules, FPGA, ASIC, and
other applications requiring low ripple noise and
a small PCB area.
VOUT can be regulated to be as low as 0.6V.
Only FB resistors, input capacitors, and output
capacitors are required to complete the design.
Constant-on-time control (COT) provides fast
transient response, high efficiency, and easy
loop stabilization.
Full protection features include cycle-by-cycle
current limiting, short-circuit protection (SCP)
with hiccup mode, and thermal shutdown.
The MPM3834C requires a minimal number of
readily available, standard external
components. It is available in an ultra-small
ECLGA-14 (2.5mmx2.5mmx1.2mm) package.

FEATURES
• Wide 2.75V to 6V Operating Input Voltage
(VIN) Range
• Adjustable Output Voltage (VOUT) from 0.6V
• Up to 3A Continuous Output Current (IOUT)
• 100% Duty Cycle in Dropout
• Up to 92% Efficiency with 3.3V to 1.8V
• Forced Continuous Conduction Mode
(FCCM)
• Enable (EN) and Power Good (PG) for
Power Sequencing
• Cycle-by-Cycle Over-Current Protection
(OCP)
• Short-Circuit Protection (SCP) with Hiccup
Mode
• Only Four External Components Required
• Available in an ECLGA-14
(2.5mmx2.5mmx1.2mm) Package

APPLICATIONS
• FPGA, ASIC, DSP Power
• Optical Modules
• LDO Replacements
• Power for Portable Products
• Storage (Solid-State Drives and Hard-Disk
Drives)
• Space-Constrained Applications




Similar Part No. - MPM3834C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830GQV MPS-MPM3830GQV Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3833C MPS-MPM3833C Datasheet
545Kb / 18P
2.75 - 6V, 3A, Ultra-Small and Ultra-Low Noise Power Module
MPM3833CGRH MPS-MPM3833CGRH Datasheet
545Kb / 18P
2.75 - 6V, 3A, Ultra-Small and Ultra-Low Noise Power Module
More results


Similar Description - MPM3834C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
Ultra Low Noise Power Supply Module
03.01.10
logo
ON Semiconductor
NCP451 ONSEMI-NCP451 Datasheet
125Kb / 12P
3A Ultra-Small Low Ron
July, 2015 ??Rev. 9
logo
Maxim Integrated Produc...
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
logo
Monolithic Power System...
MPM3822C MPS-MPM3822C Datasheet
1Mb / 17P
2.75 - 6V, 2A, Ultra-Small and Ultra-Low Noise Power Module
MPM3833C MPS-MPM3833C Datasheet
545Kb / 18P
2.75 - 6V, 3A, Ultra-Small and Ultra-Low Noise Power Module
logo
Richtek Technology Corp...
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MPM3860 MPS-MPM3860 Datasheet
1Mb / 21P
1.2MHz, Synchronous 2.75V to 7V, 6A Ultra-Thin Power Module
Rev. 1.0 9/14/2020
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
MPM3824C MPS-MPM3824C Datasheet
1Mb / 20P
2.75V to 6V, 2A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/11/2022
logo
Richtek Technology Corp...
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com