Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3834C Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPM3834C
Description  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPM3834C Datasheet HTML 1Page - MPS Industries, Inc. MPM3834C Datasheet HTML 2Page - MPS Industries, Inc. MPM3834C Datasheet HTML 3Page - MPS Industries, Inc. MPM3834C Datasheet HTML 4Page - MPS Industries, Inc. MPM3834C Datasheet HTML 5Page - MPS Industries, Inc. MPM3834C Datasheet HTML 6Page - MPS Industries, Inc. MPM3834C Datasheet HTML 7Page - MPS Industries, Inc. MPM3834C Datasheet HTML 8Page - MPS Industries, Inc. MPM3834C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
2
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MPM3834CGPA
ECLGA-14
(2.5mmx2.5mm)
See Below
3
* For Tape & Reel, add suffix -Z (e.g. MPM3834CGPA-Z).
TOP MARKING
BTH: Product code of MPM3834CGPA
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
IN
IN
IN
PG
OUT
OUT
PGND
PGND
PGND
OUT_S
FB
AGND
EN
SW
14
13
12
11
10
9
8
7
6
5
4
3
2
1
ECLGA-14 (2.5mmx2.5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com